Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXA2530-0000-000N00T230H Datasheet(PDF) 2 Page - Cree, Inc |
|
CXA2530-0000-000N00T230H Datasheet(HTML) 2 Page - Cree, Inc |
2 / 15 page Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. 2 XLamp CXa2530 LED characteristics characteristics unit minimum typical maximum effective thermal resistance, junction to case °C/w 0.8 viewing angle (FwHm) degrees 115 ESD classification (HBM per Mil-Std-883D) Class 2 DC forward current mA 800 1500 Reverse current mA 0.1 Forward voltage (@ 800 mA, 85 °C) v 37 Forward voltage (@ 800 mA, 25 °C) v 37.9 42 LeD junction temperature °C 150 Temperature coefficient of voltage mv/°C -14.6 fluX characteristics, standard order codes and bins (i f = 800 ma, tJ = 85 °c) The following tables provide order codes for XLamp CXA2530 LeDs. For a complete description of the order code nomenclature, please reference Bin and order Code Formats (page 13). color cct range base order codes min. luminous flux @ 800 ma 2-step order code 4-step order code Group flux (lm) @ 85 °c flux (lm) @ 25 °c* chromaticity region chromaticity region easywhite 5000K T4 3440 3879 50H CXA2530-0000-000N00T450H 50F CXA2530-0000-000N00T450F U2 3680 4150 CXA2530-0000-000N00U240H CXA2530-0000-000N00U240F 4000K T2 3200 3609 40H CXA2530-0000-000N00T240H 40F CXA2530-0000-000N00T240F T4 3440 3879 CXA2530-0000-000N00T440H CXA2530-0000-000N00T440F U2 3680 4150 CXA2530-0000-000N00U240H CXA2530-0000-000N00U240F 3500K S4 2990 3372 35H CXA2530-0000-000N00S435H 35F CXA2530-0000-000N00S435F T2 3200 3609 CXA2530-0000-000N00T235H CXA2530-0000-000N00T235F T4 3440 3879 CXA2530-0000-000N00T435H CXA2530-0000-000N00T435F 3000K S4 2990 3372 30H CXA2530-0000-000N00S430H 30F CXA2530-0000-000N00S430F T2 3200 3609 CXA2530-0000-000N00T230H CXA2530-0000-000N00T230F 2700K S2 2780 3135 27H CXA2530-0000-000N00S227H 27F CXA2530-0000-000N00S227F S4 2990 3372 CXA2530-0000-000N00S427H CXA2530-0000-000N00S427F T2 3200 3609 CXA2530-0000-000N00T227H CXA2530-0000-000N00T227F Notes: • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. • minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80. • minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70. • Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75. * Flux values @ 25 °C are calculated and for reference only. |
Número de pieza similar - CXA2530-0000-000N00T230H |
|
Descripción similar - CXA2530-0000-000N00T230H |