Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP4803 Datasheet(PDF) 2 Page - Stanson Technology

No. de pieza STP4803
Descripción Electrónicos  STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4803 Datasheet(HTML) 2 Page - Stanson Technology

  STP4803 Datasheet HTML 1Page - Stanson Technology STP4803 Datasheet HTML 2Page - Stanson Technology STP4803 Datasheet HTML 3Page - Stanson Technology STP4803 Datasheet HTML 4Page - Stanson Technology STP4803 Datasheet HTML 5Page - Stanson Technology STP4803 Datasheet HTML 6Page - Stanson Technology STP4803 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STP4803
STP4803
STP4803
STP4803
Dual P Channel Enhancement Mode MOSFET
-
5.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP4803 2008. V1
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
-5.2
-4.2
A
Pulsed Drain Current
IDM
-30
A
Continuous Source Current
(Diode Conduction)
IS
-2.3
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.7
1.8
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
70
℃/W


Número de pieza similar - STP4803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP400N4F6 STMICROELECTRONICS-STP400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
logo
VBsemi Electronics Co.,...
STP40N03L VBSEMI-STP40N03L Datasheet
984Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP40N03L-20 VBSEMI-STP40N03L-20 Datasheet
984Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STP40N06 STMICROELECTRONICS-STP40N06 Datasheet
354Kb / 7P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May 1993
More results

Descripción similar - STP4803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
STP4925 STANSON-STP4925 Datasheet
577Kb / 6P
   STP4925 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
   STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
   ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
   STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
   ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
   STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
   STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
   ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6621 STANSON-STP6621 Datasheet
452Kb / 6P
   STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com