Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3099N Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA3099N
Descripción Electrónicos  IF Amplifier for M-ary FSK Pagers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3099N Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3099N Datasheet HTML 2Page - Sony Corporation CXA3099N Datasheet HTML 3Page - Sony Corporation CXA3099N Datasheet HTML 4Page - Sony Corporation CXA3099N Datasheet HTML 5Page - Sony Corporation CXA3099N Datasheet HTML 6Page - Sony Corporation CXA3099N Datasheet HTML 7Page - Sony Corporation CXA3099N Datasheet HTML 8Page - Sony Corporation CXA3099N Datasheet HTML 9Page - Sony Corporation CXA3099N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
—6—
CXA3099N
Item
Current consumption
Current consumption
AM rejection ratio
Op amp. input bias current
Op amp. maximum output level
NRZ output saturation voltage
NRZ output leak current
NRZ hysteresis width
VB output current
VB output saturation voltage
REG OUT voltage
LVA operating voltage
LVA output leak current
LVA output saturation voltage
Detector output voltage
Logic input voltage high level
Logic input voltage low level
Limiting sensitivity
Level comparator output
saturation voltage
Level comparator output leak
current
RSSI output offset
Mixer input resistance
Mixer output resistance
IF limiter input resistance
Electrical Characteristics
Symbol
ICC
ICCS
AMRR
IBIAS
VO
VSATNRZ
ILNRZ
VTWNRZ
IOUT
VSATVB
VREG
VLVA
ILLVA
VSATLVA
VODET
VTHBSV
VTLBSV
VIN (LIM)
VSATLC
ILLC
VORSSI
RINLIM
ROUTMIX
RINLIM
Conditions
Measurement circuit 1
V2 = 1.0 V
Measurement circuit 1,
V2 = 0 V
Measurement circuit 3
30k LPF
Measurement circuit 2
Measurement circuit 4
Measurement circuit 6
Vin = 0.3 V
Measurement circuit 5
Vin = 0.1 V
Measurement circuit 5
Vin = 0.1 to 0.3 V
Measurement circuit 7
Measurement circuit 7
Output current 0 µA
Measurement circuit 8
V1 = 1.4 to 1.0 V
Measurement circuit 8 V1 = 1.0 V
Measurement circuit 9
Measurement circuit 3
Measurement circuit 3
Measurement circuit 11
Measurement circuit 10
Measurement circuit 12
Typ.
590
6
10
0.96
1.05
50
17
135
2.0
1.5
1.5
Max.
800
20
100
0.4
5.0
20
0.4
1.04
1.10
5.0
0.4
68
0.35
24
0.4
5.0
310
2.4
1.8
1.8
Unit
µA
µA
dB
nA
mVp-p
V
µA
mV
µA
V
V
V
µA
V
mVrms
V
V
dBµ
V
µA
mV
k
k
k
Min.
410
25
160
100
0.89
1.00
38
0.9
1.6
1.2
1.2
(VCC = 1.4 V, Ta = 25 °C, Fs =455kHz, FMOD = 1.6 kHz, FDEV = 4.8 kHz, AMMOD = 30 %)


Número de pieza similar - CXA3099N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results

Descripción similar - CXA3099N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com