Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2520-0000-000N0HP40E3 Datasheet(PDF) 3 Page - Cree, Inc

No. de pieza CXA2520-0000-000N0HP40E3
Descripción Electrónicos  Cree짰 XLamp짰 CXA2520 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N0HP40E3 Datasheet(HTML) 3 Page - Cree, Inc

  CXA2520-0000-000N0HP40E3 Datasheet HTML 1Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 2Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N0HP40E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
3
XLamp CXa2520 LED
color
cct
range
base order codes
min. luminous flux
@ 550 ma
chromaticity regions
order code
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
ANSI white
5000K
Q4
2260
2560
3A0, 3B0, 3C0, 3D0
CXA2520-0000-000N00Q40e3
R2
2420
2741
CXA2520-0000-000N00R20e3
4000K
Q2
2100
2379
5A0, 5B0, 5C0, 5D0
CXA2520-0000-000N00Q20e5
Q4
2260
2560
CXA2520-0000-000N00Q40e5
R2
2420
2741
CXA2520-0000-000N00R20e5
3500K
p4
1965
2226
6A0, 6B0, 6C0, 6D0
CXA2520-0000-000N00p40e6
Q2
2100
2379
CXA2520-0000-000N00Q20e6
Q4
2260
2560
CXA2520-0000-000N00Q40e6
3000K
p4
1965
2226
7A0, 7B0, 7C0, 7D0
CXA2520-0000-000N00p40e7
Q2
2100
2379
CXA2520-0000-000N00Q20e7
2700K
p2
1830
2073
8A0, 8B0, 8C0, 8D0
CXA2520-0000-000N00p20e8
p4
1965
2226
CXA2520-0000-000N00p40e8
Q2
2100
2379
CXA2520-0000-000N00Q20e8
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


Número de pieza similar - CXA2520-0000-000N0HP40E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427F CREE-CXA2520-0000-000N00P427F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427H CREE-CXA2520-0000-000N00P427H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P430F CREE-CXA2520-0000-000N00P430F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
More results

Descripción similar - CXA2520-0000-000N0HP40E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com