Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3176N Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXA3176N
Descripción Electrónicos  IF Amplifier for FM Receiver (AFC Supported)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3176N Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA3176N Datasheet HTML 5Page - Sony Corporation CXA3176N Datasheet HTML 6Page - Sony Corporation CXA3176N Datasheet HTML 7Page - Sony Corporation CXA3176N Datasheet HTML 8Page - Sony Corporation CXA3176N Datasheet HTML 9Page - Sony Corporation CXA3176N Datasheet HTML 10Page - Sony Corporation CXA3176N Datasheet HTML 11Page - Sony Corporation CXA3176N Datasheet HTML 12Page - Sony Corporation CXA3176N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
—9—
CXA3176N
6) Quick Charge
In order to hasten the rise time of Pin 7 from when power is turned on, the CXA3176N features a quick
charge circuit. The capacitance value connected to Pin 7 should be chosen such that the voltage does not
vary much due to discharge during battery saving.
Connect a signal for controlling the quick charge circuit to Pin 18. Setting this pin high enables the quick
charge mode, and setting this pin low enables the steady-state reception mode. Quick charge is used
when the power supply is turned on. The battery saving must be set high at the time.
Connect Pin 18 to GND when quick charge is not being used.
7) Detector
The detector is of quadrature type. To perform phase shift, connect a ceramic discriminator to Pin 8.
The phase shifting capacitor for the quadrature detector is incorporated. The FM signal demodulated with
the detector will be output to AMP_OUT (Pin 14) through the internal LPF.
The CDBC450CX50 (MURATA MFG. CO., LTD.) ceramic discriminator is recommended for the
CXA3176N.
Fig. 3
Fig. 4
5.6k
VCC
7
8
9
Ceramic
discriminator
CDBC450CX50
H
L
H
L
active
battery
saving
5ms
1ms
1ms
Power supply
(Pin 4)
Quick charge
(Pin 18)
Battery saving
(Pin 17)
Timing


Número de pieza similar - CXA3176N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Descripción similar - CXA3176N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Toshiba Semiconductor
1SV160 TOSHIBA-1SV160 Datasheet
104Kb / 2P
   VARIABLE CAPACITANCE DIODE (AFC APLICATION FOR FM RECEIVER)
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com