Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3199TN Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXA3199TN
Descripción Electrónicos  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199TN Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA3199TN Datasheet HTML 3Page - Sony Corporation CXA3199TN Datasheet HTML 4Page - Sony Corporation CXA3199TN Datasheet HTML 5Page - Sony Corporation CXA3199TN Datasheet HTML 6Page - Sony Corporation CXA3199TN Datasheet HTML 7Page - Sony Corporation CXA3199TN Datasheet HTML 8Page - Sony Corporation CXA3199TN Datasheet HTML 9Page - Sony Corporation CXA3199TN Datasheet HTML 10Page - Sony Corporation CXA3199TN Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
0.22 – 0.07
0.5
5
1.2MAX
∗2.8 ± 0.1
10
6
0.1 – 0.05
+ 0.15
0° to 10°
1
A
(0.2)
0.22 – 0.07
+ 0.08
DETAIL A
0.02g
TSSOP-10P-L01
10PIN TSSOP(PLASTIC)
0.1
0.1
M
NOTE: Dimension “
∗” does not include mold protrusion.
0.25
+ 0.08
Package Outline
Unit : mm
CXA3199TN
—11—


Número de pieza similar - CXA3199TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Descripción similar - CXA3199TN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com