Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3225N Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA3225N
Descripción Electrónicos  All Band TV Tuner IC (VHF-CATV-UHF)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3225N Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3225N Datasheet HTML 2Page - Sony Corporation CXA3225N Datasheet HTML 3Page - Sony Corporation CXA3225N Datasheet HTML 4Page - Sony Corporation CXA3225N Datasheet HTML 5Page - Sony Corporation CXA3225N Datasheet HTML 6Page - Sony Corporation CXA3225N Datasheet HTML 7Page - Sony Corporation CXA3225N Datasheet HTML 8Page - Sony Corporation CXA3225N Datasheet HTML 9Page - Sony Corporation CXA3225N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
—6—
CXA3225N
Electrical Characteristics
See the Electrical Characteristics Measurement Circuit
(Ta=25 °C, VCC=5 V)
Item
Circuit current
Conversion gain
1
Noise figure
1, ∗2
1 % cross
modulation
1
3
Maximum
output power
Switch ON drift
Symbol
ICCVU
ICCVB
ICCUU
ICCUB
CG1U
CG2U
CG3U
CG4U
CG1B ∗4
CG2B ∗4
CG3B ∗4
CG4B ∗4
NF1
NF2
NF3
NF4
CM1
CM2
CM3
CM4
Pomax
(sat)
∆fsw1
∆fsw2
∆fsw3
∆fsw4
Measurement conditions
VHF operation
asymmetrical output no input signal
VHF operation
symmetrical output
no input signal
UHF operation
asymmetrical output no input signal
UHF operation
symmetrical output
no input signal
VHF operation fRF=50 MHz
asymmetrical output
VHF operation fRF=430 MHz asymmetrical output
UHF operation fRF=430 MHz asymmetrical output
UHF operation fRF=850 MHz asymmetrical output
VHF operation fRF=50 MHz
symmetrical output
VHF operation fRF=430 MHz symmetrical output
UHF operation fRF=430 MHz symmetrical output
UHF operation fRF=850 MHz symmetrical output
VHF operation fRF=50 MHz
asymmetrical output
VHF operation fRF=430 MHz asymmetrical output
UHF operation fRF=430 MHz asymmetrical output
UHF operation fRF=850 MHz asymmetrical output
VHF operation
fD=50 MHz
fUD=±12 MHz
asymmetrical output
VHF operation
fD=430 MHz fUD=±12 MHz
asymmetrical output
UHF operation
fD=430 MHz fUD=±12 MHz
asymmetrical output
UHF operation
fD=850 MHz fUD=±12 MHz
asymmetrical output
50
Ω load, asymmetrical output
VHF operation
fOSC=100 MHz
∆f from 3 seconds to 3 minutes after switch ON
VHF operation
fOSC=470 MHz
∆f from 3 seconds to 3 minutes after switch ON
UHF operation
fOSC=470 MHz
∆f from 3 seconds to 3 minutes after switch ON
UHF operation
fOSC=895 MHz
∆f from 3 seconds to 3 minutes after switch ON
Min.
Typ.
Max.
Unit
35
46
55
mA
47
58
67
mA
39
50
59
mA
51
62
71
mA
20
23
26
dB
20
23
26
dB
23
26
29
dB
23
26
29
dB
29
32
35
dB
29
32
35
dB
32
35
38
dB
32
35
38
dB
12
16
dB
13
17
dB
10
13
dB
12
15
dB
99
103
dBµ
96
100
dBµ
96
100
dBµ
95
99
dBµ
7
10
dBm
±300
kHz
±600
kHz
±350
kHz
±350
kHz
1 Value measured with untuned input.
2 NF meter direct-reading value (DSB measurement).
3 Value with a desired reception signal input level of –30 dBm, an interference signal of 100 kHz/30 % AM,
and an interference signal level where S/I=46 dB measured with a spectrum analyzer.
4 Value which is measured as 420 Ω load impedance and compensated loss by 180 Ω resistor connected to
Pins 19 and 20.


Número de pieza similar - CXA3225N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
More results

Descripción similar - CXA3225N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com