Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LCE40A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
LCE40A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 3 page 6.5V-90V 1500W Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS MECHANICAL DATA * 1500W Peak Pulse Surge reverse capability on 10/1000 µs waveform * Excellent clamping capability * Low incremental surge resistance * Fast response time : typically less than 5.0 ns from 0 volts to BV * Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes positive end on the Transorb (cathode) * Mounting position : Any * Weight : 0.93 gram MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified. Rating Symbol Value Unit Peak Pulse Power Dissipation on 10/1000 µs waveform (Note 1, Figure 1) Steady State Power Dissipation at TL = 75 °C Lead Lengths 0.375", (9.5mm) (Note 2) Peak Forward Surge Current on 10/1000 µs Waveform (Fig. 3, Note 1) Operating and Storage Temperature Range TJ, TSTG - 65 to + 175 °C Note : (1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 2 (2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum. PPPM Minimum 1500 Watts IFSM See Table 1. Amps. PD 5.0 Watts LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR LCE6.5A THRU LCE90A |
Número de pieza similar - LCE40A |
|
Descripción similar - LCE40A |