Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCY2G150MPD Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza UCY2G150MPD
Descripción Electrónicos  High Power Factor LED Replacement T8 Fluorescent Tube
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UCY2G150MPD Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button UCY2G150MPD Datasheet HTML 3Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 4Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 5Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 6Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 7Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 8Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 9Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 10Page - Diodes Incorporated UCY2G150MPD Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN75
Issue 1 – January 2011
7
www.diodes.com
© Diodes Incorporated 2010
The BOM in table 1 and the PCB layout in Figure 2 complete the tools needed to design a high power
factor LED driver using the AL9910. Figure 3 shows the picture of the completed LED driver designed
with a footprint to fit inside the T8 LED Fluorescent replacement lamp tube.
Table 1 BOM
Ref.
Descriptions
Part number
Package
Mfr.
U1
Universal high brightness
LED driver
AL9910
SO8
Diodes Inc.
D1, D2, D3
1A, 1kV diode t
RR = 1.8μs
S1M-13-F
SMA
Diodes Inc.
D4
Ultra-fast-recovery diode
1A, 600V, t
RR = 35ns
MUR160
DO201AD
Diodes Inc.
DB1
1A, 600V bridge rectifier
DF06S
DF-S
Diodes Inc.
C1, C2
15μF, 450V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC
EEUED2W150
400KXW27M10X30
UCY2G150MPD
5mm pitch
Panasonic
Rubicon
Nichicon
C4
4.7μF, 50V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC
ECE-A1HKG4R7
1.5mm pitch
Panasonic
C5
10μF 450V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC, 10mm diameter
EEUEE2W100U
5mm pitch
Panasonic
CX1, CX2,
CX3, CX4
100nF, 275VAC, Film, X2
ECQU2A104ML
17.5mm pitch
Panasonic
F1
10Ohm 1W fusible
resistor +/-200ppm
NFR0100001009JR500
Through-hole
axial
Vishay
L1
6.8mH inductor +/-10%
290mA radial
19R685C
5mm pitch
Murata
L2
30mH common-mode
inductor, 8mm height
B82791G2301N001
10mm pitch
EPCOS
L3, L4
3.3mH inductor +/-10%
420mA radial
19R335C
6mm pitch
Murata
MOV1
275V, 21J, 9mm, Radial
B72207S0271K101
5mm pitch
EPCOS
Q1
N-ch MOSFET 600V,
3.2A, Q
g(max) = 16nC
SPB03N60S5
TO263
Infineon
R1
10R 3W wire wound
resistor, 50ppm/ºC, +/-1%
UB3C-10RF1
Through-hole
axial
Riedon
R2
3k 0.25W resistor +/-5%
Any
1206
Any
R5
1R2 0.25W +/-1%
Any
1206
Any
R6
2R7 0.25W +/-1%
Any
1206
Any
R7
100R 0.25W +/-1%
Any
1206
Any
R
T
330k 0.125W resistor +/-
1%
Any
1206
Any
R10
10R 0.25W +/-5%
Any
1206
Any


Número de pieza similar - UCY2G150MPD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nichicon corporation
UCY2G180MPD NICHICON-UCY2G180MPD Datasheet
60Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - UCY2G150MPD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
   QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com