Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7WH125FK Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC7WH125FK Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TC7WH125FU/FK 2009-09-24 2 Truth Table G A Y H X Z L L L L H H X: Don’t Care Z: High impedance IEC Logic Symbol Operating Ranges Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to 5.5 V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C 0 to 100 (Vcc=3.3±0.3V) Input rise and fall time dt/dv 0 to 20 (Vcc=5.0±0.5V) ns/V IN A G OUT Y EN |
Número de pieza similar - TC7WH125FK_09 |
|
Descripción similar - TC7WH125FK_09 |