Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3329ER Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA3329ER
Descripción Electrónicos  Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3329ER Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3329ER Datasheet HTML 2Page - Sony Corporation CXA3329ER Datasheet HTML 3Page - Sony Corporation CXA3329ER Datasheet HTML 4Page - Sony Corporation CXA3329ER Datasheet HTML 5Page - Sony Corporation CXA3329ER Datasheet HTML 6Page - Sony Corporation CXA3329ER Datasheet HTML 7Page - Sony Corporation CXA3329ER Datasheet HTML 8Page - Sony Corporation CXA3329ER Datasheet HTML 9Page - Sony Corporation CXA3329ER Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
– 6 –
CXA3329ER
Electrical Characteristics
• Unless otherwise specified, the I/Q baseband input signals and local input signal use the conditions shown in
the Electrical Characteristics Measurement Circuit and the control voltage and power saving pins are set to
VCONT = 2.3V, PS = high.
The local switching pin is left open (1/2 frequency division).
• IF output impedance is 1k
Ω.
• Values measured with a Sony evaluation board.
Note1) Set the control voltage so that the output power becomes –15dBm under the conditions shown in
the Electrical Characteristics Measurement Circuit. Input the two tone signals of 570kHz, 200mVp-p
and 630kHz, 200mVp-p to I-IX; and also input to Q-QX the two tone signals whose phases are
deviated by 90 degrees from those signals.
The ratio of the desired component and the 3rd order harmonic component of the outputs resulted
from the above is measured, and the power level that is made by adding the half ratio to the desired
component power level is labeled as the output IP3. See the figure on the next page.
Item
Symbol
DC Characteristics
Current consumption 1
Current consumption 2
Power saving current
AC Characteristics
Output IP3
Output power 1
Output power 2
Gain control range
Output noise power 1
I, Q residual sideband
product
Carrier leak
Input I/Q phase error
Input I/Q gain error
Imax
Imin
Ips
OIP3
PO1
PO2
Gcr
No1
Img
CL
IQPE
IQGE
VCONT = 2.85V
VCONT = 0V
PS = low (in power saving mode)
Note1
VCONT = 2.3V,
differential output, f = 380MHz
VCONT = 0.3V,
differential output, f = 380MHz
VCONT = 0.3 to 2.3V,
f = 380MHz
VCONT = 1.8V,
I/Q inputs are no signal.
Suppression ratio of desired signal
(f = 380 + 1) MHz and image
signal (f = 380 – 1) MHz
Ratio of desired signal
(f = 380 + 1) MHz and local leak
(f = 380) MHz
Input signal I/Q phase difference
–90° when the output signal I/Q
phase difference is 90°.
I/Q input signal level difference
when the output signal I/Q levels
are the same.
Conditions
8.5
–19
–83
54
–3
–2.5
Min.
24
17
–15
–77
62
0
0
Typ.
5
–11
–73
70
–147
–25
–18
3
2.5
Max.
mA
µA
dBm
dBm
dB
dBm/
Hz
dBc
deg
dB
Unit
A
A
A
B
B
B
B
B
B
B
B
B
Measurement
point


Número de pieza similar - CXA3329ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3328EN SONY-CXA3328EN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
More results

Descripción similar - CXA3329ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
EPCOS
B3669 EPCOS-B3669_1 Datasheet
97Kb / 9P
   SAW Tx filter W-CDMA IF
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
   IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com