Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC125FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74AC125FT
Descripción Electrónicos  Quad Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC125FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74AC125FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC125FT_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74AC125P/F/FT,126P/F
2012-02-29
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Número de pieza similar - TC74AC125FT_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC125FT TOSHIBA-TC74AC125FT Datasheet
278Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC125FT TOSHIBA-TC74AC125FT Datasheet
271Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC74AC125FT_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com