Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC163P Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TC74AC163P
Descripción Electrónicos  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC163P Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74AC163P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74AC163P_12 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TC74AC161,163P/F/FT
2012-02-29
7
Timing Requirements (input: tr = tf = 3 ns)
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (L)
tw (H)
Figure 1
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum pulse width
( CLR )
(Note 1)
tw (L)
Figure 4
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
( LOAD , ENP, ENT)
ts
Figure 2, Figure 3
3.3 ± 0.3
5.0 ± 0.5
11.0
7.0
13.0
7.0
ns
Minimum set-up time
(A, B, C, D)
ts
Figure 2
3.3 ± 0.3
5.0 ± 0.5
8.0
4.0
8.0
4.0
ns
Minimum set-up time
( CLR )
(Note 2)
ts
Figure 5
3.3 ± 0.3
5.0 ± 0.5
6.0
4.0
6.0
4.0
ns
Minimum hold time
th
Figure 2, Figure 3, Figure 5
3.3 ± 0.3
5.0 ± 0.5
1.0
1.0
1.0
1.0
ns
Minimum removal time
( CLR )
(Note 1)
trem
Figure 4
3.3 ± 0.3
5.0 ± 0.5
6.0
4.0
6.0
4.0
ns
Note 1: For TC74AC161 only
Note 2: For TC74AC163 only


Número de pieza similar - TC74AC163P_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC163P TOSHIBA-TC74AC163P Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74AC163P TOSHIBA-TC74AC163P Datasheet
314Kb / 15P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC74AC163P_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com