Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3541N Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA3541N
Descripción Electrónicos  2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3541N Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3541N Datasheet HTML 3Page - Sony Corporation CXA3541N Datasheet HTML 4Page - Sony Corporation CXA3541N Datasheet HTML 5Page - Sony Corporation CXA3541N Datasheet HTML 6Page - Sony Corporation CXA3541N Datasheet HTML 7Page - Sony Corporation CXA3541N Datasheet HTML 8Page - Sony Corporation CXA3541N Datasheet HTML 9Page - Sony Corporation CXA3541N Datasheet HTML 10Page - Sony Corporation CXA3541N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
CXA3541N
No.
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
R1
R2
R3
R4
R5
R6
R7
R8
R9-1
R9-2
R10-1
R10-2
R11
R12
R13
P1
P2
W1
W2
W3
W4
W6
W7
W8
W9
W10
Low gain
High gain
Low frequency cut-off
(–3dB)
High frequency cut-off
(–3dB)
Input reflected noise
MR bias current range 1
MR bias accuracy
MR bias resolution
VCC power supply
rejection ratio
VEE power supply
rejection ratio
Common mode
rejection ratio 1
Common mode
rejection ratio 2
Control line input noise
rejection
RDX/RDY offset
difference magnitude
RDX/RDY output
impedance
MR head open threshold
MR head short threshold
Write current range
Write current accuracy
Write current resolution
Leakage current
Damping resistor
Write current propagation
delay time
Write current rise/fall time
Erase current accuracy
Bank write current
accuracy
AVL
AVH
FCL
FCH
ENi
IBR1
EIB
RIB
PSRR1
PSRR2
CMRR1
CMRR2
CLRR
VOFF1
RDro
MRop
MRsh
IWR
EIW
RIW
ILEAK
RD
Tpd
TR/TF
EIE
Gain = 0
RMR = 50
Ω, IB = 5.9mA
Gain = 1
RMR = 50
Ω, IB = 5.9mA
Exclusive of head noise
RMR = 50
Ω, IB = 5.9mA
3-bit DAC
Ripple voltage: 100mVp-p
100kHz to 50MHz
Ripple voltage: 100mVp-p
100kHz to 10MHz
Ripple voltage: 100mVp-p
100kHz to 50MHz
Ripple voltage: 100mVp-p
51MHz to 80MHz
Ripple voltage: 100mVp-p
4MHz to 80MHz
Write to read
Differential, read mode
Head X – Head Y
Head X – Head Y
IB = "000" to "011"
DAC code = x "0000" to x "1111"
RH = 0
4-bit DAC
Unselected head
LH = 0, RH = 0
Write data to 50% of write current
RH = 15
Ω, LH = 150nH, IW = 25mA
VCC = 3.5V
DAC code = x "0101"
Refer to Fig.
82
110
140
3
–7
38
45
37
27
40
30
600
15
19.5
–7
800
–18
100
135
350
200
0.77
0.714
750
50
2
1000
1.9
–9
118
160
550
0.95
8
+7
50
100
900
90
49.5
+7
200
1200
10
0
V/V
V/V
kHz
MHz
nV
√ Hz
mA
%
mA
dB
dB
dB
dB
dB
mV
mV
mV
mA
%
mA
µA
ns
ns
%
Read Safety Characteristics
Write Characteristics
Read Characteristics
RMR = 50
Ω, IB = 5.9mA


Número de pieza similar - CXA3541N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Descripción similar - CXA3541N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com