Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3556N Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXA3556N
Descripción Electrónicos  IF Down Converter for Digital Broadcast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3556N Datasheet(HTML) 4 Page - Sony Corporation

  CXA3556N Datasheet HTML 1Page - Sony Corporation CXA3556N Datasheet HTML 2Page - Sony Corporation CXA3556N Datasheet HTML 3Page - Sony Corporation CXA3556N Datasheet HTML 4Page - Sony Corporation CXA3556N Datasheet HTML 5Page - Sony Corporation CXA3556N Datasheet HTML 6Page - Sony Corporation CXA3556N Datasheet HTML 7Page - Sony Corporation CXA3556N Datasheet HTML 8Page - Sony Corporation CXA3556N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
– 4 –
CXA3556N
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Pin description
10
VCC15V
19
10
GND
VCC1
11
12
10
14
15
19
17
16
200
200
10k
10k
GND
VCC1
10
22
18
AGCGND
VCC1
90µA
19
10
GND
VCC1
20 21
Power supply.
11
MO1
2.3V
Mixer output pin.
12
MO2
2.3V
13
VCC2
5V
Power supply.
14
AIN1
1.3V
15
AIN2
1.3V
16
E1
0.6V
17
E2
0.6V
18
AGCREF
RF AGC setting voltage
adjustment pin.
Connect external resistance
between Pin 18 and GND and
change the value to change
RF AGC output voltage.
19
GND
0V
GND
20
AO1
2.7V
Output amplifier output.
21
AO2
2.7V
Output amplifier circuit inputs.
Gain of output amplifier circuit
can be changed by connecting
external resistance between
Pins 16 and 17.


Número de pieza similar - CXA3556N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

Descripción similar - CXA3556N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com