Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX04F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74LCX04F
Descripción Electrónicos  Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX04F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX04F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX04F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74LCX04F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX04F,TC74LCX04FT,TC74LCX04FK
Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
The TC74LCX04 is a high-performance CMOS inverter.
Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 1.65 to 3.6 V
• High-speed operation: tpd = 5.2 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: >±500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 04 type
WWeight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: The Electrical Characteristics of VCC=1.8±0.15V is only applicable for products which manufactured
from January 2009 onward.
TC74LCX04F
TC74LCX04FT
TC74LCX04FK


Número de pieza similar - TC74LCX04F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX04FK TOSHIBA-TC74LCX04FK Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04FN TOSHIBA-TC74LCX04FN Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX04FN TOSHIBA-TC74LCX04FN Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04FT TOSHIBA-TC74LCX04FT Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX04FT TOSHIBA-TC74LCX04FT Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74LCX04F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
   Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com