Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX240FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC74LCX240FK
Descripción Electrónicos  Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX240FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX240FK_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX240FK_10 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74LCX240F/FT/FK
2010-01-31
6
AC Test Circuit
Open
6.0 V or VCC×2
GND
Switch
Output
Measure
Parameter
Switch
tpLH, tpHL
Open
6.0 V
@ VCC =3.3±0.3V
@ VCC =2.7V
tpLZ, tpZL
VCC×2
@ VCC =2.5±0.2V
@ VCC =1.8±0.15V
tpHZ, tpZH
GND
Figuare 1


Número de pieza similar - TC74LCX240FK_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX240FK TOSHIBA-TC74LCX240FK Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74LCX240FK_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com