Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74LVX4051FK Datasheet(PDF) 7 Page - Toshiba Semiconductor |
|
TC74LVX4051FK Datasheet(HTML) 7 Page - Toshiba Semiconductor |
7 / 13 page TC74LVX4051,4052,4053F/FT/FK 2008-05-01 7 Analog Switch Characteristics (GND = 0 V, Ta = 25°C) (Note) Characteristics Symbol Test Condition VEE (V) VCC (V) Typ. Unit VIN = 2.0 Vp-p 0 3.0 0.100 VIN = 4.0 Vp-p 0 4.5 0.030 Sine Wave Distortion (T.H.D) ⎯ RL = 10 kΩ, CL = 50 pF, fIN = 1 kHz VIN = 6.0 Vp-p −0.3 3.0 0.020 % 4051 150 4052 180 4053 0 3.0 200 4051 150 4052 180 4053 0 4.5 200 4051 150 4052 180 Frequency response (switch ON) fmax Adjust fIN voltage to obtain 0dBm at VOS. Increase fIN frequency until dB meter reads −3dB. RL = 50 Ω, CL = 10 pF, fIN = 1 MHz, sine wave Figure 3 4053 −3.0 3.0 200 MHz 0 3.0 −45 0 4.5 −45 VIN is centered at (VCC − VEE)/2. Adjust input for 0dBm. RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave Figure 4 −3.0 3.0 −45 0 3.0 −60 0 4.5 −60 Feed through attenuation (switch OFF) ⎯ RL = 50 Ω, CL = 10 pF, fIN = 1 MHz, sine wave −3.0 3.0 −60 dB 0 3.0 90 0 4.5 150 Crosstalk (control input to signal output) ⎯ RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, square wave (tr = tf = 6 ns) Figure 5 −3.0 3.0 120 mV 0 3.0 −45 0 4.5 −45 Crosstalk (between any switches) ⎯ Adjust VIN to obtain 0dBm at input. RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave Figure 6 −3.0 3.0 −45 dB Note: These characteristics are determined by design of devices. Switch pin Common pin |
Número de pieza similar - TC74LVX4051FK_08 |
|
Descripción similar - TC74LVX4051FK_08 |