Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74VHC04FT Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHC04FT Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TC74VHC04F/FT/FK 2012-02-29 2 Pin Assignment IEC Logic Symbol Truth Table A Y L H H L Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (5) (9) 3A 1 4A (13) (11) 6A 5A (6) (8) (12) 3Y 4Y 6Y (1) (3) 1A 2A (2) 1Y (4) 2Y (10) 5Y VCC 9 6A 6Y 5A 8 14 13 12 11 10 1A 1 2 3 4 5 6 7 2Y 3A 3Y GND 5Y 4A 4Y (top view) 1Y 2A |
Número de pieza similar - TC74VHC04FT_12 |
|
Descripción similar - TC74VHC04FT_12 |