Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VHC165F Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC74VHC165F
Descripción Electrónicos  8-Bit Shift Register (P-IN, S-OUT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC165F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VHC165F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC165F_12 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74VHC165F/FT/FK
2012-02-29
6
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta
=
25°C
Ta
=
40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK, CK INH)
tw (L)
tw (H)
3.3 ± 0.3
5.0 ± 0.5
6.0
4.0
7.0
4.0
ns
Minimum pulse width
(
L
S/ )
tw (L)
3.3 ± 0.3
5.0 ± 0.5
7.5
5.0
9.0
6.0
ns
Minimum set-up time
(PI-
L
S/ )
ts
3.3 ± 0.3
5.0 ± 0.5
7.5
5.0
8.5
5.0
ns
Minimum set-up time
(SI-CK, CK INH)
ts
3.3 ± 0.3
5.0 ± 0.5
5.0
4.0
6.0
4.0
ns
Minimum set-up time
(
L
S/ -CK, CK INH)
ts
3.3 ± 0.3
5.0 ± 0.5
5.0
4.0
6.0
4.0
ns
Minimum hold time
(PI-
L
S/ )
th
3.3 ± 0.3
5.0 ± 0.5
0.5
1.0
0.5
1.0
ns
Minimum hold time
(SI-CK, CK INH)
th
3.3 ± 0.3
5.0 ± 0.5
0.0
0.5
0.0
0.5
ns
Minimum hold time
(
L
S/ -CK, CK INH)
th
3.3 ± 0.3
5.0 ± 0.5
0.0
0.5
0.0
0.5
ns
Minimum removal time
(CK INH-CK)
(CK-CK INH)
trem
3.3 ± 0.3
5.0 ± 0.5
5.0
3.5
5.0
3.5
ns


Número de pieza similar - TC74VHC165F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC165FK TOSHIBA-TC74VHC165FK Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
328Kb / 8P
   8-BIT SHIFT REGISTER
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
TC74VHC165FS TOSHIBA-TC74VHC165FS Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
More results

Descripción similar - TC74VHC165F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com