Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VHC368F Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC74VHC368F
Descripción Electrónicos  Hex Bus Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC368F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC368F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC368F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC367,368F/FT/FK
2012-02-29
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.9
8.3
1.0
10.0
3.3 ± 0.3
50
8.4
11.8
1.0
13.5
15
4.1
5.9
1.0
7.0
Propagation delay
time
(TC74VHC367)
tpLH
tpHL
5.0 ± 0.5
50
5.6
7.9
1.0
9.0
ns
15
5.3
7.5
1.0
9.0
3.3 ± 0.3
50
7.8
11.0
1.0
12.5
15
3.8
5.5
1.0
6.5
Propagation delay
time
(TC74VHC368)
tpLH
tpHL
5.0 ± 0.5
50
5.3
7.5
1.0
8.5
ns
15
6.8
10.5
1.0
12.5
3.3 ± 0.3
50
9.3
14.0
1.0
16.0
15
4.8
7.2
1.0
8.5
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
6.3
9.2
1.0
10.5
ns
3.3 ± 0.3
50
9.9
13.6
1.0
15.5
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
6.3
9.2
1.0
10.5
ns
3.3 ± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note 2)
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC / 6 (per bit)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic
VOL
VOLP
CL = 50 pF
5.0
0.4
0.8
V
Quiet output minimum dynamic
VOL
VOLV
CL = 50 pF
5.0
−0.4
−0.8
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V


Número de pieza similar - TC74VHC368F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC368FK TOSHIBA-TC74VHC368FK Datasheet
268Kb / 11P
   Hex Bus Buffer
TC74VHC368FN TOSHIBA-TC74VHC368FN Datasheet
268Kb / 11P
   Hex Bus Buffer
TC74VHC368FN TOSHIBA-TC74VHC368FN Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74VHC368FS TOSHIBA-TC74VHC368FS Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74VHC368FT TOSHIBA-TC74VHC368FT Datasheet
268Kb / 11P
   Hex Bus Buffer
More results

Descripción similar - TC74VHC368F_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
   Hex Bus Buffer
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
   HEX BUS BUFFER
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
   Hex Bus Buffer
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com