Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 3 Page - YAMAHA CORPORATION

No. de pieza Y-CONC-R402M-MA8B-2000-A
Descripción Electrónicos  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAMAHA [YAMAHA CORPORATION]
Página de inicio  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  Y-CONC-R402M-MA8B-2000-A Datasheet HTML 1Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
2
Description:
IP67 protective transport cap
for Y-ConCover-10-* /
Y-ConCover-40-*
IP67-Transportschutzabdeckung für
Y-ConCover-10-* / Y-ConCover-40-*
Material:
Body
PE (Transparent white)
Gehäuse
Specifications: Operating Temp.: -20°C ~+80°C
Betriebstemp.
Part Number
Colour
Low Temperature Type
Y-ConCover-10
Blue
No
Y-ConCover-10-B
Black
No
Y-ConCover-10-LT
Blue
Yes
Y-ConCover-10-B-LT
Black
Yes
Series
Design Number
No Mark = Blue
B = Black
No Mark = Std.
LT = Low Temp.
Y-ConCover - 10 - * - *
Part Number (Details)
Outline Dimensions
Description:
IP67/68/69K cover for self assembly with
Y-Con plugs and cables, complete with
latches, seals and terminator cap
IP67/68/69K-Steckergehäuse zur Selbstmontage
mit Y-Con Kabelsteckern und Kabeln,
komplett mit Rasthaken, Dichtungen und Abschlusskape
Material:
Body
PBT, UL94V-0
Gehäuse
Seal
FKM (Viton®) or HNBR
Dichtung
Fixing clips
Stainless steel
Rasthaken
Specifications:
Operating Temp.: Std.
- 20°C ~ +120°C
Betriebstemp.
LT
- 40°C ~ +120°C
Description:
Metal cover for retro-fitting to
Y-ConCover-10-* offering
increased mechanical stability
Metallisches Schutzgehäuse zur
Nachrüstung auf Y-ConCover-10-*,
für erhöhte mechanische Stabilität
Material:
Body + Buttons
Die-cast zinc
Gehäuse
Screws
Stainless Steel
Schrauben
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Part No.: Y-ConCover-30
Part No.: Y-ConAS-21
46.0
Accessories
Accessories


Número de pieza similar - Y-CONC-R402M-MA8B-2000-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yamaichi Electronics Co...
Y-CONC-R402M-MA8B-2000-A YAMAICHI-Y-CONC-R402M-MA8B-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Descripción similar - Y-CONC-R402M-MA8B-2000-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yamaichi Electronics Co...
Y-CONCOVER-10-X-X YAMAICHI-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com