Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP-5038SDE-1 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TIP-5038SDE-1
Descripción Electrónicos  15" Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-5038SDE-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TIP-5038SDE-1_10 Datasheet HTML 1Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 2Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 3Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 4Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 5Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 6Page - Vishay Siliconix TIP-5038SDE-1_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 37072
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 14-Jan-10
1
15" Infrared Touch Panel
TIP-5038SDE-1
Vishay Dale
Vishay Dale Electronics TIP products are infrared touch
panels designed to fit most flat panel display technologies.
The touch panels consist of infrared emitters and detectors,
scanning electronics, a microprocessor based controller, a
bezel and optical filter assembly, and hardware to mount the
touch panel assembly to the flat panel display.
These touch panels are ideal for many applications including
medical instrumentation, machine or process controllers,
point of sale devices, public information displays, banking
terminals, and military.
Note
• If a manual is required for TBDriver, TWDriver, T5Driver or
UPDD, please request at the time of ordering. These will be
included as no charge items.
FEATURES
• Fast response time < 50 ms
• 99 x 75 switch matrix, nearly 7500 switches
• Fits Sharp LQ150X1DG16 and LQ1401W directly
• Clear hardcoated anti-glare filter
• Sealed for environmental resistance
• Immune to high or changing ambient light
• RS-232 interface
• Pre-assembled - no assembly or disassembly required to
mount display
ELECTRICAL SPECIFICATIONS
Voltage: + 5 VDC ± 5 %
Current: 200 mA typical
Beeper Output: HC CMOS type
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0 °C to + 55 °C
Storage Temperature: - 55 °C to + 85 °C
Relative Humidity: 10 % to 90 % non-conditioning
Ambient Light: 2000 ft candles
INTERFACE
Type: RS-232 serial
Data Rate: 9600 baud or 19.2 kilo-baud
Word Format: 8 data bits, no parity, 1 start bit, 1 stop bit
Touch Points: 99 x 75
ORDERING INFORMATION
TOUCH PANEL
TIP-5038SDE-1
TBDriver (DOS driver)
280879-08
TWDriver (Windows 3.1 driver)
280879-10
T5Driver (Windows 95/98 driver)
280879-11
UPDD universal pointer device driver
(Windows 95/98, NT, 2000, CE)
280879-12
J1 mating connector
280105-02
J4 mating connector
280108-06
J5 mating connector
280108-05
DIMENSIONS in inches [millimeters]
11.836
4.091
0.219
9.080
12.211
12.071
11.774
11461
5.750
7.141
0.836
0.227
7.141
0.313
0.542
14.906
0.375
2.005
1.605
0.750
4.386
5.385
13.234
14.452
265
0.140
5/16” STANDOFF
PROVIDED
Ø.180 6 PLACES
10.243
5” FLEX CABLE
0.481
0.30


Número de pieza similar - TIP-5038SDE-1_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com