Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD2053AM Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXD2053AM
Descripción Electrónicos  Auto Wide, EDTV-II ID Detection, ID-1 Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2053AM Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2053AM Datasheet HTML 2Page - Sony Corporation CXD2053AM Datasheet HTML 3Page - Sony Corporation CXD2053AM Datasheet HTML 4Page - Sony Corporation CXD2053AM Datasheet HTML 5Page - Sony Corporation CXD2053AM Datasheet HTML 6Page - Sony Corporation CXD2053AM Datasheet HTML 7Page - Sony Corporation CXD2053AM Datasheet HTML 8Page - Sony Corporation CXD2053AM Datasheet HTML 9Page - Sony Corporation CXD2053AM Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
– 6 –
CXD2053AM/AS
1. Description of auto wide function
The auto wide function performs wide screen identification from the black bands at the top and bottom of the
screen. As shown below, the CXD2053AM/AS identifies the three types of 4:3 normal video, 16:9 wide video,
and wide video with subtitles.
4:3 normal video
16:9 wide video
Wide video with subtitles
Fig. 1. Wide identification types
The results of this auto wide identification are expressed by 2 bits, and are output through the I2C bus during
bus mode. Also, these results are output directly to the OAW1 (Pin 26) and OAW2 (Pin 27) pins regardless of
bus or bus-free mode.
Auto wide identification is provided with a transition time of about 1 to 15 seconds to prevent misoperation.
During I2C bus mode, wide identification can be changed quickly without this transition time by manipulating
the INST bit.
2. Description of ID-1 (transmitter method of additional video information, aspect ratio identification)
As shown in the table below, the additional video information consists of 14-bit data, to which a 6-bit CRCC is
appended for a total of 20 bits. On an NTSC video signal, this information is carried on lines 20 and 283 of the
vertical blanking interval.
bit-No
WORD0
WORD1
WORD2
Description
"1"
"0"
A
B
1
2
3
Transmitter aspect ratio
Pictorial representation format
Undefined
Full mode (16:9)
Letter-box
4:3
Normal
Discrimination information about the video signal and any other signal (audio
signal, etc.) incident to the video and transmitted simultaneously.
Word 0 dependent discrimination signal
Word 0 dependent discrimination signal, information, etc.
4
5
6
4-bit width
4-bit width
(From the Provisional Standard of EIAJ, CPX-1204)
Table 1. Description of ID-1 signal
Of the 14-bit data noted above, only the first 2 bits are handled by the CXD2053AM/AS. These 2 bits are
obtained by the I2C bus during bus mode. Also, these bits are output directly to the OLBX (Pin 24) and O164
(Pin 25) regardless of bus or bus-free mode.


Número de pieza similar - CXD2053AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Descripción similar - CXD2053AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2085M SONY-CXD2085M Datasheet
113Kb / 11P
   ID-1 Detection
logo
Maxim Integrated Produc...
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
   USB or 3.5mm Jack ID Detection
Rev 1; 2/19
logo
Zilog, Inc.
ZEPIR0BAS02MODG ZILOG-ZEPIR0BAS02MODG Datasheet
758Kb / 78P
   ZMOTION짰 Detection Module II
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
Panasonic Semiconductor
EKMB1205111 PANASONIC-EKMB1205111 Datasheet
595Kb / 10P
   WL series?팆orizontally wide detection type
logo
Toshiba Semiconductor
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Figaro Engineering Inc.
TGS3830 FIGARO-TGS3830 Datasheet
296Kb / 2P
   Detection Chlorofluorocarbons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com