Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SM8LC05_12 Datasheet(Hoja de datos) 1 Page - Protek Devices

No. de Pieza. SM8LC05_12
Descripción  800 WATT MULTI-LINE TVS ARRAY
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo 

   
 1 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 1
SM8LC05 - SM8LC24
800 WATT MULTI-LINE TVS ARRAY
DESCRIPTIoN
The SM8LCxx Series are high powered transient voltage suppressor arrays that provides board level protection for
standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switching
transients.
The SM8LCxx Series has a peak pulse power rating of 800 Watts for an 8/20µs waveshape. This device series meets
the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• Available in Multiple Voltages Ranging from 5V to 24V
• Protects up to Two Line Pairs
• Low Capacitance: 25pF
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIoNS
• Video On-Demand
• Telecom Interfaces
• USB, ADSL & SCSI Interfaces
• LAN Interconnects
• Portable Electronics
PIN CoNFIGURATIoN
So-8 PACkAGE
1
2
4
8
3
5
6
7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl