Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-LXT0805SRW-TR Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SML-LXT0805SRW-TR
Descripción Electrónicos  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SML-LXT0805SRW-TR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SML-LXT0805SRW-TR Datasheet HTML 5Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 6Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 7Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 8Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 9Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 10Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 11Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 12Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
JP1
R3
R2
R1
VDD
DRV2603
EN
ERM/LRA
PWM
GND
OUT+
OUT-
MSP430
P3.0
PWM
VDD
P3.1
R8
EN
PWM
www.ti.com
Hardware Configuration
3.4
PWM Input Source
Figure 9. External PWM Input
The DRV2603 input signal can be driven by the on-board MSP430 PWM or an external PWM source. The
input source is selected by shorting or disconnecting JP1.
JP1
PWM Source
Shorted
MSP430
Open
External PWM using PWM testpoint
To set the DRV2603 enable pin high while using an external PWM source:
1. Enter Additional Hardware Modes by holding the "+" button until the actuator buzzes and the mode
LEDs blink.
2. Select Mode 3 (00011'b) using the increment mode button ("+").
3. In Mode 3, press one of the following buttons to enable the DRV2603.
B1 - disable the DRV2603
B2 - enable with LRA auto-resonance on
B3 - enable with LRA auto-resonance off
B4 - enable in ERM mode
4. If the DRV2603 is enabled, the "EN" LED will glow.
9
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - SML-LXT0805SRW-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUMEX INC.
SML-LXT0805SRW-TR LUMEX-SML-LXT0805SRW-TR Datasheet
64Kb / 1P
   2.0mm x 1.25mm THIN PCB SURFACE MOUNT
logo
Texas Instruments
SML-LXT0805SRW-TR TI1-SML-LXT0805SRW-TR Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
SML-LXT0805SRW-TR TI1-SML-LXT0805SRW-TR Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
LUMEX INC.
SML-LXT0805SRW-TR LUMEX-SML-LXT0805SRW-TR_17 Datasheet
124Kb / 1P
   2.0mm X 1.25mm THIN PCB SURFACE MOUNT
More results

Descripción similar - SML-LXT0805SRW-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com