Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIA78R25FXX Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

No. de pieza KIA78R25FXX
Descripción Electrónicos  1A Low Dropout Voltage Regulator With ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R25FXX Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  KIA78R25FXX Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R25FXX Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KIA78RXX
5/7
APPLI CATION CI RCUI T
TO -252-5L :


Número de pieza similar - KIA78R25FXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R25F KEC-KIA78R25F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Descripción similar - KIA78R25FXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com