Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD3027R Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXD3027R
Descripción Electrónicos  CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3027R Datasheet(HTML) 5 Page - Sony Corporation

  CXD3027R Datasheet HTML 1Page - Sony Corporation CXD3027R Datasheet HTML 2Page - Sony Corporation CXD3027R Datasheet HTML 3Page - Sony Corporation CXD3027R Datasheet HTML 4Page - Sony Corporation CXD3027R Datasheet HTML 5Page - Sony Corporation CXD3027R Datasheet HTML 6Page - Sony Corporation CXD3027R Datasheet HTML 7Page - Sony Corporation CXD3027R Datasheet HTML 8Page - Sony Corporation CXD3027R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 191 page
background image
– 5 –
CXD3027R
Pin
No.
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
I/O
I/O
I/O
I/O
I
I/O
O
O
O
O
O
O
I
O
O
O
O
O
O
I
I
I
I
I
I
I
I
I
O
I
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
Track count signal I/O.
Mirror signal I/O.
Defect signal I/O.
Focus OK signal I/O.
Spindle motor external control input.
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal.
If GFS is low eight consecutive samples, this pin outputs low.
Or input when LKIN = 1.
Test pin.
Test pin.
Test pin.
Digital power supply.
176.4kHz output.
Spindle motor servo control output.
Spindle motor servo control output.
Disc innermost track detection signal input.
Sled drive output.
Sled drive output.
Tracking drive output.
Tracking drive output.
Focus drive output.
Focus drive output.
Digital GND.
Test pin. Normally, GND.
Test pin. Normally, GND.
Analog power supply.
Operational amplifier constant current input.
Analog GND.
RF signal input.
Center servo analog input or E input.
Tracking error signal input or F input.
Sled error signal input or B input.
Focus error signal input or A output.
Center voltage input.
Wide-band EFM PLL charge pump output.
Wide-band EFM PLL VCO2 control voltage input.
COUT
MIRR
DFCT
FOK
PWMI
LOCK
TEST1
TEST2
TEST3
VDD1
C176
MDP
MDS
SSTP
SFDR
SRDR
TFDR
TRDR
FFDR
FRDR
VSS1
TEST
TES1
AVDD0
IGEN
AVSS0
RFDC
CE
TE
SE
FE
VC
VPCO
VCTL
Symbol
I/O
Description


Número de pieza similar - CXD3027R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Descripción similar - CXD3027R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com