Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD3027R Datasheet(PDF) 66 Page - Sony Corporation

No. de pieza CXD3027R
Descripción Electrónicos  CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3027R Datasheet(HTML) 66 Page - Sony Corporation

Back Button CXD3027R Datasheet HTML 62Page - Sony Corporation CXD3027R Datasheet HTML 63Page - Sony Corporation CXD3027R Datasheet HTML 64Page - Sony Corporation CXD3027R Datasheet HTML 65Page - Sony Corporation CXD3027R Datasheet HTML 66Page - Sony Corporation CXD3027R Datasheet HTML 67Page - Sony Corporation CXD3027R Datasheet HTML 68Page - Sony Corporation CXD3027R Datasheet HTML 69Page - Sony Corporation CXD3027R Datasheet HTML 70Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 191 page
background image
– 66 –
CXD3027R
Data 1
D3
1
D2
1
D1
1
D0
1
D3
SYG3
EA
D2
SYG2
EA
D1
SYG1
EA
D0
SYG0
EA
D3
MDP
OUTSL1
D2
MDP
OUTSL0
D1
LPWR2
D0
0
D3
MDS
CTL
D2
MDP
UP
D1
0
D0
MDP
CTL4
AF
(Spindle servo
setting)
Data 2
Data 3
Data 4
Command
$AF commands (preset: $AF8000)
SYG3EA to SYG0EA:
These bits set the spindle drive output gain. However, this is valid only in CLV-N mode.
SYG3EA
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0 (–
∞dB)
0.125 (–18.1dB)
0.250 (–12.0dB)
0.375 (–8.5dB)
0.500 (–6.0dB)
0.625 (–4.1dB)
0.750 (–2.5dB)
0.875 (–1.2dB)
1.000 (0.0dB)
1.125 (+1.0dB)
1.250 (+1.9dB)
1.375 (+2.8dB)
1.500 (+3.5dB)
1.625 (+4.2dB)
1.750 (+4.9dB)
1.875 (+5.5dB)
SYG2EA SYG1EA SYG0EA
GAIN
∗: preset
MDP OUTSL1, MDP OUTSL0:
These bits set the spindle drive output method.
D3
MDP
CTL3
D2
MDP
CTL2
D1
MDP
CTL1
D0
MDP
CTL0
Data 5
MDP OUTSL1 MDP OUTSL0
Spindle drive output
Ternary output from the MDP pin
Binary output from the MDS and MDP pins
Command-based MDP and MDS output control
0
1
0
0
0
1
∗: preset


Número de pieza similar - CXD3027R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Descripción similar - CXD3027R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com