Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54VCXH162374 Datasheet(PDF) 10 Page - STMicroelectronics |
|
54VCXH162374 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 18 page Electrical characteristics 54VCXH162374 10/18 Doc ID 10654 Rev 7 CL = 30 pF, RL = 500 Ω, Input tr = tf = 2.0 ns Table 8. AC electrical characteristics Symbol Parameter Test condition Value Unit VCC (V) -55 to 125 °C Min. Max. tPLH tPHL Propagation delay time Dn to Qn 2.3 to 2.7 1.0 5.5 ns 3.0 to 3.6 0.8 4.5 tPLH tPHL Propagation delay time LE to Qn 2.3 to 2.7 1.0 6.2 ns 3.0 to 3.6 0.8 4.5 tPZL tPZH Output enable time 2.3 to 2.7 1.0 5.1 ns 3.0 to 3.6 0.8 4.6 tPLZ tPHZ Output disable time 2.3 to 2.7 1.0 ns 3.0 to 3.6 1.0 ts Setup tIme, HIGH or LOW level Dn to LE 2.3 to 2.7 1.5 ns 3.0 to 3.6 1.5 th Hold time High or LOW level Dn to LE 2.3 to 2.7 1.5 ns 3.0 to 3.6 1.5 tw LE pulse width, HIGH 2.3 to 2.7 190 ns 3.0 to 3.6 235 tOSLH tOSHL Output to output skew time (1) (2) 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2. Parameter guaranteed by design 2.3 to 2.7 0.5 ns 3.0 to 3.6 0.5 Table 9. Capacitive characteristics Symbol Parameter Test condition Value Unit VCC (V) TA = 25 °C Min. Typ. Max. CIN Input capacitance 2.5 or 3.3 VIN = 0 or VCC -6- pF COUT Output capacitance 2.5 or 3.3 VIN = 0 or VCC -7- pF CPD Power dissipation capacitance (1) 1. CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit) 2.5 or 3.3 fIN = 10MHz VIN = 0 or VCC -20 - pF |
Número de pieza similar - 54VCXH162374_11 |
|
Descripción similar - 54VCXH162374_11 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |