Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA510A Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STA510A
Descripción Electrónicos  44-volt, 5.5-amp, quad power half bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics STA510A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STA510A
Electrical specifications
Doc ID 11077 Rev 2
7/17
3.4
Electrical characteristics
The specifications given here were obtained with the conditions VL = 3.3 V, VCC = 36 V,
RL =8 Ω, fsw = 384 kHz and Tamb = 25 °C unless otherwise specified. See also Figure 3.
.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RdsON
Power P-channel / N-channel MOSFET
RdsON
Id = 1 A
-
150
200
m
Idss
Power P-channel / N-channel leakage
-
-
-
100
µA
gN
Power P-channel RdsON matching
Id = 1 A
95
-
-
%
gP
Power N-channel RdsON matching
Id = 1 A
95
-
-
%
Dt_s
Low current dead time (static)
See test circuit in
Figure 3
-10
20
ns
Dt_d
High current dead time (dynamic)
L = 22 µH,
C = 470 nF,
RL = 8 Ω,
Id = 3 A,
seeFigure 5
-
-
50
ns
td ON
Turn-on delay time
Resistive load,
VCC = 30 V
--
100
ns
td OFF
Turn-off delay time
Resistive load,
VCC = 30 V
--
100
ns
tr
Rise time
Resistive load,
see Figure 3
-
-
25
ns
tf
Fall time
-
-
25
ns
VINH
High-level input voltage
-
-
-
VL/2 +
300 mV
V
VINL
Low-level input voltage
-
VL/2 -
300 mV
--
V
IINH
High-level Input current
Pin voltage = VL
-1
-
µA
IINL
Low-level input current
Pin voltage = 0.3 V
-
1
-
µA
IPWRDNH
High-level PWRDN pin input current
VL = 3.3 V
-
35
-
µA
VLOW
Low logical-state voltage (pins PWRDN,
TRISTATE)
VL = 2.7 V
-
-
0.70
V
VL = 3.3 V
-
-
0.80
V
VL = 5.0 V
-
-
0.85
V
VHIGH
High logical-state voltage (pins PWRDN,
TRISTATE)
VL = 2.7 V
1.50
-
-
V
VL = 3.3 V
1.70
-
-
V
VL = 5.0 V
1.85
-
-
V
ICCPWRDN Supply current from VCC in power down
VPWRDN = 0 V
-
-
3
mA
IFAULT
Output current on pins FAULT and
THWARN with fault conditions
Vpin = 3.3 V
-
1
-
mA


Número de pieza similar - STA510A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
More results

Descripción similar - STA510A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
   40-volt, 3-amp, quad power half bridge
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
   18-volt, 3-amp, quad power half-bridge
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com