Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA516B Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STA516B
Descripción Electrónicos  65-volt, 7.5-amp, quad power half bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA516B_10 Datasheet HTML 7Page - STMicroelectronics STA516B_10 Datasheet HTML 8Page - STMicroelectronics STA516B_10 Datasheet HTML 9Page - STMicroelectronics STA516B_10 Datasheet HTML 10Page - STMicroelectronics STA516B_10 Datasheet HTML 11Page - STMicroelectronics STA516B_10 Datasheet HTML 12Page - STMicroelectronics STA516B_10 Datasheet HTML 13Page - STMicroelectronics STA516B_10 Datasheet HTML 14Page - STMicroelectronics STA516B_10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STA516B
Applications information
Doc ID 13183 Rev 4
11/17
5.2
Protection circuitry
The STA516B includes protection circuitry for overcurrent and thermal overload conditions.
A thermal warning pin (THWARN, pin 28, open drain MOSFET) is activated low when the IC
temperature exceeds 130 °C, just in advance of thermal shutdown. When a fault condition is
detected an internal fault signal immediately disables the output power MOSFETs, placing
both H-bridges in a high-impedance state. At the same time the open-drain MOSFET of pin
FAULT (pin 27) is switched on.
There are two possible modes subsequent to activating a fault.
"
Shutdown mode: with pins FAULT (with pull-up resistor) and TRISTATE separate, an
activated fault disables the device, signalling a low at pin FAULT output.
The device may subsequently be reset to normal operation by toggling pin TRISTATE
from high to low to high using an external logic signal.
"
Automatic recovery mode: This is shown in the applications circuits below where pins
FAULT and TRISTATE are connected together to a time-constant circuit (R59 and C58).
An activated fault forces a reset on pin TRISTATE causing normal operation to resume
following a delay determined by the time constant of the circuit.
If the fault condition persists, the circuit operation repeats until the fault condition is
cleared.
An increase in the time constant of the circuit produces a longer recovery interval. Care
must be taken in the overall system design not to exceed the protection thresholds
under normal operation.
5.3
Power outputs
The STA516B power and output pins are duplicated to provide a low-impedance path for the
device bridged outputs. All duplicate power, ground and output pins must be connected for
proper operation.
The PWRDN or TRISTATE pin should be used to set all power MOSFETs to the
high-impedance state during power-up until the logic power supply, VL, has settled.
5.4
Parallel output / high current operation
When using the FFX® mode output, the STA516B outputs can be connected in parallel to
increase the output current capability to the load. In this configuration the STA516B can
provide up to 400 W into a 3-
Ω load.
This mode of operation is enabled with pin CONFIG (pin 24) connected to pin VDD. The
inputs are joined so that IN1A = IN1B, IN2A = IN2B and similarly the outputs
OUT1A = OUT1B, OUT2A = OUT2B as shown in Figure 8.
5.5
Output filtering
A passive 2nd-order filter is used on the STA516B power outputs to reconstruct the analog
audio signal. System performance can be significantly affected by the output filter design
and choice of passive components. Filter designs for 3- and 6-
Ω loads are shown in the
applications circuits of Figure 7, Figure 8 and Figure 9.


Número de pieza similar - STA516B_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA516BE13TR STMICROELECTRONICS-STA516BE13TR Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
More results

Descripción similar - STA516B_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
   44-volt, 5.5-amp, quad power half bridge
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
   40-volt, 3-amp, quad power half bridge
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
   18-volt, 3-amp, quad power half-bridge
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com