Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7492MV Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza TDA7492MV
Descripción Electrónicos  50 W mono BTL class-D audio amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 5Page - STMicroelectronics TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics TDA7492MV Datasheet HTML 11Page - STMicroelectronics TDA7492MV Datasheet HTML 12Page - STMicroelectronics TDA7492MV Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TDA7492MV
Electrical specifications
Doc ID 16264 Rev 1
9/26
VUVP
Undervoltage protection
threshold
-
--7
V
RdsON
Power transistor on resistance
High side
-
0.2
-
Low side
-
0.2
-
Po
Output power
THD = 10%
-
40
-
W
THD = 1%
-
32
-
Po
Output power
RL = 6 Ω, THD = 10%,
VCC = 25V
-50
-
W
RL = 6 Ω, THD = 1%
VCC = 25V
-40
-
PD
Dissipated power
Po =40W, THD = 10%
-
4.0
-
W
η
Efficiency
Po = 40 W
8090-
%
THD
Total harmonic distortion
Po = 1 W
-
0.1
0.4
%
GV
Closed-loop gain
GAIN0 = L, GAIN1 = L
20.6
21.6
22.6
dB
GAIN0 = L, GAIN1 = H
26.6
27.6
28.6
GAIN0 = H, GAIN1 = L
30.1
31.1
32.1
GAIN0 = H, GAIN1 = H
32.6
33.6
34.6
∆GV
Gain matching
-
-1
-
1
dB
eN
Total input noise
A Curve, GV = 20 dB
-
20
-
µV
f = 22 Hz to 22 kHz
-
25
35
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 V,
CSVR = 10 µF
40
50
-
dB
Tr, Tf
Rise and fall times
-
-
50
-
ns
fSW
Switching frequency
Internal oscillator
290
310
330
kHz
fSWR
Output switching frequency
range
With internal oscillator (1)
250
-
400
kHz
With external oscillator (2) 250
-
400
VinH
Digital input high (H)
-
2.3
-
-
V
VinL
Digital input low (L)
-
-
0.8
AMUTE
Mute attenuation
VMUTE = 1 V
60
80
-
dB
1.
fSW = 10
6 / ((16 * R
OSC + 182) * 4) kHz, fSYNCLK = 2 * fSW with R3 = 39 kΩ (see Figure 21.).
2.
fSW = fSYNCLK / 2 with the frequency of the external oscillator.
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Número de pieza similar - TDA7492MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
More results

Descripción similar - TDA7492MV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com