Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7498L Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza TDA7498L
Descripción Electrónicos  80 watt 80 watt dual BTL class-D audio amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7498L Datasheet HTML 1Page - STMicroelectronics TDA7498L Datasheet HTML 2Page - STMicroelectronics TDA7498L Datasheet HTML 3Page - STMicroelectronics TDA7498L Datasheet HTML 4Page - STMicroelectronics TDA7498L Datasheet HTML 5Page - STMicroelectronics TDA7498L Datasheet HTML 6Page - STMicroelectronics TDA7498L Datasheet HTML 7Page - STMicroelectronics TDA7498L Datasheet HTML 8Page - STMicroelectronics TDA7498L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2011
Doc ID 16504 Rev 3
1/27
27
TDA7498L
80 watt + 80 watt dual BTL class-D audio amplifier
Features
80 W + 80 W output power at
THD = 10% with RL = 6 Ω and VCC = 32 V
70 W + 70 W output power at
THD = 10% with RL = 8 Ω and VCC = 34 V
Wide-range single-supply operation (14 - 36 V)
High efficiency (
η = 90%)
Four selectable, fixed gain settings of
nominally 25.6 dB, 31.6 dB, 35.1 dB and
37.6 dB
Differential inputs minimize common-mode
noise
Standby and mute features
Short-circuit protection
Thermal overload protection
Externally synchronizable
Description
The TDA7498L is a dual BTL class-D audio
amplifier with single power supply designed for
home systems and active speaker applications.
It comes in a 36-pin PowerSSO package with
exposed pad up (EPU) to facilitate mounting a
separate heatsink.
PowerSSO-36
with exposed pad up
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
TDA7498L
-40 to 85 °C
PowerSSO-36 (EPU)
Tube
TDA7498LTR
-40 to 85 °C
PowerSSO-36 (EPU)
Tape and reel
www.st.com


Número de pieza similar - TDA7498L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
More results

Descripción similar - TDA7498L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
   160-watt 160-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com