Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK681-332-E-D Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza STK681-332-E-D
Descripción Electrónicos  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-332-E-D Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK681-332-E-D Datasheet HTML 3Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 4Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 5Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 6Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 7Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 8Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 9Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 10Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK681-332-E
No. A1591-7/14
Notes
(1) Be sure to set the capacitance of the power supply bypass capacitor, C1, so that the ripple current of the capacitor,
which varies as motor current increases, falls within the allowed range.
(2) Chopping operations based on F3 and F4 are used for current control. The timing given below is used for OUT1 or
OUT2 voltage output and for F3 or F4 drain current.
(3) Do not connect the N.C pins (5, 11, 12 pin) shown in the internal block diagram or sample application circuit to a
circuit pattern on the PCB.
(4) Sample Timing Diagram
(5) If the current detection resistor, Rs, connected to pin1, pin2, and pin3 is short-circuited, the overcurrent detection
circuit does not operate. If the output pin is short-circuited directly to VCC or connected directly to GND, an output
short-circuit condition is detected and the output is latched in the off state. To restart the operation, turn on VDD
again.
(6) Smoke Emission Precautions: There is a possibility of smoke emission if the hybrid IC is subjected to physical or
electrical damage as the result of being used without compliance with the specifications.
OUT1 or OUT2
Output voltage
F3 or F4
Drain current
Motor current
22
μs
0A
GND
VCC+Vdf
IO peak (current setting value)
0A
IO peak (current setting value)
Forward
rotation
Brake
Reverse
rotation
Stop
Stop
Forward
rotation
IN1
IN2
ENABLE
Stop
Brake


Número de pieza similar - STK681-332-E-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK681-332-E SANYO-STK681-332-E Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-332-E ONSEMI-STK681-332-E Datasheet
162Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E_11 Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
More results

Descripción similar - STK681-332-E-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com