Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BL Datasheet(PDF) 3 Page - Soberton Inc.

No. de pieza ST-025BL
Descripción Electrónicos  Magnetic Transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BL Datasheet(HTML) 3 Page - Soberton Inc.

  ST-025BL_09 Datasheet HTML 1Page - Soberton Inc. ST-025BL_09 Datasheet HTML 2Page - Soberton Inc. ST-025BL_09 Datasheet HTML 3Page - Soberton Inc. ST-025BL_09 Datasheet HTML 4Page - Soberton Inc. ST-025BL_09 Datasheet HTML 5Page - Soberton Inc. ST-025BL_09 Datasheet HTML 6Page - Soberton Inc. ST-025BL_09 Datasheet HTML 7Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
C:ENVIRONMENT TEST
3/7
No.
Item
Test condition
Evaluation standard
1
High temp. test
After being placed in a chamber at +85℃ for 96
hours.
2
Low temp. test
After being placed in a chamber at -30℃ for 96
hours.
3
Thermal shock
The part shall be subjected to 10 cycles. One
cycle shall consist of;
4
Temp. / Humidity Cycle
The part shall be subjected to 10 cycle and consist
of;
After the test the part
shall meet
specifications without
any degradation in
appearance and
performance except
SPL. after 4 hours at
+25℃, The SPL shall
be in ± 10 dBA
compared with initial
one.
D: RELIABILITY TEST
No.
Item
Test condition
Evaluation standard
1
Operating
life test
□ Applying rated voltage, rated frequency, square wave ,
1/2 duty cycle:
Ordinary temperature
The part shall be subjected to 96 hours at room
temperature.
After the test the part shall
meet specifications without
any degradation in
appearance and performance
except SPL. after 4 hours at
+25℃,The SPL shall be in ±
10 dBA compared with
initial one.
TEST CONDITION.
Standard Test Condition : a)Temperature: +5~+35℃ b)Humidity:45~85% c)Pressure: 860~1060mbar
Judgment Test Condition :a)Temperature:+25±2℃
b)Humidity:60~70% c)Pressure: 860~1060mbar
+70℃
+25℃
a
b
c
24hrs
3hrs
3hrs
12±0.5hrs
a, b: 90~98%RH
c: 80~98%RH
-30℃
+20℃
30 min
15 min
30 min
+20℃
15 min
+85℃


Número de pieza similar - ST-025BL_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soberton Inc.
ST-025BLA SOBERTON-ST-025BLA Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-025BLA SOBERTON-ST-025BLA Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BLA SOBERTON-ST-025BLA Datasheet
434Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
More results

Descripción similar - ST-025BL_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
   Magnetic Transducer
logo
DB Lectro Inc
MTS1035A04LM DBLECTRO-MTS1035A04LM Datasheet
282Kb / 1P
   Magnetic Transducer
logo
Soberton Inc.
ST-04BLA SOBERTON-ST-04BLA Datasheet
749Kb / 7P
   Magnetic Transducer
ST-025BLA SOBERTON-ST-025BLA_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BT SOBERTON-ST-025BT Datasheet
1Mb / 7P
   Magnetic Transducer
ST-03BLA SOBERTON-ST-03BLA Datasheet
761Kb / 7P
   Magnetic Transducer
logo
List of Unclassifed Man...
EMX-7T05P ETC2-EMX-7T05P Datasheet
114Kb / 1P
   Magnetic Transducer
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com