Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK5T16100TM- Datasheet(PDF) 3 Page - Sony Corporation

No. de pieza CXK5T16100TM-
Descripción Electrónicos  65536-word x 16-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T16100TM- Datasheet(HTML) 3 Page - Sony Corporation

  CXK5T16100TM- Datasheet HTML 1Page - Sony Corporation CXK5T16100TM- Datasheet HTML 2Page - Sony Corporation CXK5T16100TM- Datasheet HTML 3Page - Sony Corporation CXK5T16100TM- Datasheet HTML 4Page - Sony Corporation CXK5T16100TM- Datasheet HTML 5Page - Sony Corporation CXK5T16100TM- Datasheet HTML 6Page - Sony Corporation CXK5T16100TM- Datasheet HTML 7Page - Sony Corporation CXK5T16100TM- Datasheet HTML 8Page - Sony Corporation CXK5T16100TM- Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
– 3 –
CXK5T16100TM
CE
≥ VCC – 0.2V
DC Recommended Operating Conditions
(Ta = –25 to +85°C, GND = 0V)
1 V
IL
=–3.0V Min. for pulse width less than 50ns.
Input leakage
current
Output leakage
current
Operating
power supply
current
ILI
ILO
ICC1
VIN = GND to VCC
CE = VIH or UB = VIH or LB = VIH or
OE = VIH or WE = VIL
VI/O = GND to VCC
CE = VIL
VIN = VIH or VIL
IOUT = 0mA
Cycle time 1µs
Duty = 100%
IOUT = 0mA
CE
≤ 0.2V
VIL
≤ 0.2V
VIH
≥ VCC – 0.2V
–25 to +85°C
–25 to +70°C
+25°C
–1
–1
1
35
10
0.48
0.03
1
1
3
50
20
28
14
0.6
µA
µA
mA
mA
mA
µA
mA
Item
Symbol
Min.
Typ.∗2
Max.
Unit
Test condition
Electrical Characteristics
DC and operating characteristics
(VCC = 2.7 to 3.6V, GND = 0V, Ta = –25 to +85°C)
2 V
CC
= 3.3V, Ta = 25°C
Average
operating current
Output
high voltage
Output
low voltage
Standby current
ICC2
ICC3
ISB1
ISB2
VOH
VOL
Min. cycle
Duty = 100%
IOUT = 0mA
CE = VIH
IOL = 2.0mA
2.4
0.4
V
V
IOH = –2.0mA
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
VCC = 2.7 to 3.6V
VCC = 3.3V ± 0.3V
Typ.
Max.
Unit
VCC
VIH
VIL
2.7
2.4
–0.3∗1
3.3
3.6
VCC + 0.3
0.4
Min.
Typ.
Max.
3.0
2.0
–0.3∗1
3.3
3.6
VCC + 0.3
0.8
V


Número de pieza similar - CXK5T16100TM-

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5T81000AM SONY-CXK5T81000AM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-10LLX SONY-CXK5T81000AM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-12LLX SONY-CXK5T81000AM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM-10LLX SONY-CXK5T81000ATM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Descripción similar - CXK5T16100TM-

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com