Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS2045C-Y Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STPS2045C-Y
Descripción Electrónicos  Automotive power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPS2045C-Y Datasheet HTML 1Page - STMicroelectronics STPS2045C-Y Datasheet HTML 2Page - STMicroelectronics STPS2045C-Y Datasheet HTML 3Page - STMicroelectronics STPS2045C-Y Datasheet HTML 4Page - STMicroelectronics STPS2045C-Y Datasheet HTML 5Page - STMicroelectronics STPS2045C-Y Datasheet HTML 6Page - STMicroelectronics STPS2045C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS2045C-Y
Package information
Doc ID 17262 Rev 1
5/7
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
Footprint (dimensions in mm)
Table 5.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
G
L
L3
L2
B
B2
E
* FLAT ZONE NO LESS THAN 2mm
A
C2
D
R
A2
M
V2
C
A1
*
16.90
10.30
8.90
3.70
5.08
1.30


Número de pieza similar - STPS2045C-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS2045C STMICROELECTRONICS-STPS2045C Datasheet
107Kb / 8P
   POWER SCHOTTKY RECTIFIER
STPS2045CF STMICROELECTRONICS-STPS2045CF Datasheet
83Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS2045CFP STMICROELECTRONICS-STPS2045CFP Datasheet
107Kb / 8P
   POWER SCHOTTKY RECTIFIER
STPS2045CG STMICROELECTRONICS-STPS2045CG Datasheet
83Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS2045CG STMICROELECTRONICS-STPS2045CG Datasheet
107Kb / 8P
   POWER SCHOTTKY RECTIFIER
More results

Descripción similar - STPS2045C-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com