Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS1102-100EG5TP Datasheet(PDF) 11 Page - Touchstone Semiconductor Inc |
|
TS1102-100EG5TP Datasheet(HTML) 11 Page - Touchstone Semiconductor Inc |
11 / 11 page TS1102 Touchstone Semiconductor, Inc. Page 11 630 Alder Drive, Milpitas, CA 95035 TS1102DS r1p0 +1 (408) 215 - 1220 ▪ www.touchstonesemi.com RTFDS PACKAGE OUTLINE DRAWING 5-Pin SOT23 Package Outline Drawing (N.B., Drawings are not to scale) Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND. Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications, customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their respective owners. NOTES: 1. Dimensions and tolerances are as per ANSI Y14.5M, 1982. 2. Package surface to be matte finish VDI 11~13. 3. Die is facing up mold and facing down for trim/form, ie, reverse trim/form. 4. The foot length measuring is based on the gauge plane method. 5. Dimensions are exclusive of mold flash and gate burr. 6. Dimensions are exclusive of solder plating. 7. All dimensions are in mm. 8. This part is compliant with EIAJ spec. and JEDEC MO-178 AA 9. Lead span/stand off height/coplanarity are considered as special characteristic. 5. 2.80 - 3.00 0.95 0.950 TYP 5 0.30 - 0.50 0.00 - 0.15 10º TYP 10º TYP 10º TYP 0.09 - 0.20 5 10º TYP 0º- 8º 0.30 - 0.55 0.25 Gauge Plane 1.90 Max 0.10 Max 0.09 – 1.45 0.50 – 0.70 1.50 – 1.75 0.50 Max 0.30 Min 0.20 Max 0.09 Min 0.90 - 1.30 0.60 – 0.80 TYP |
Número de pieza similar - TS1102-100EG5TP |
|
Descripción similar - TS1102-100EG5TP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |