Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1103-25EG6T Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

No. de pieza TS1103-25EG6T
Descripción Electrónicos  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-25EG6T Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1103-25EG6T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1103
Page 10
TS1103DS r1p0
RTFDS
current-sense
amplifier
and
the
current-sense
resistor. The pcb layout should be balanced and
symmetrical to minimize wiring-induced errors. In
addition, the pcb layout for RSENSE should include
good thermal management techniques for optimal
RSENSE power dissipation.
6) RSENSE Composition
Current-shunt resistors are available in metal film,
metal strip, and wire-wound constructions. Wire-
wound current-shunt resistors are constructed with
wire spirally wound onto a core. As a result, these
types of current shunt resistors exhibit the largest
self inductance. In applications where the load
current contains high-frequency transients, metal
film or metal strip current sense resistors are
recommended.
Internal Noise Filter
In
power
management
and
motor
control
applications, current-sense amplifiers are required to
measure load currents accurately in the presence of
both externally-generated differential and common-
mode noise. An example of differential-mode noise
that can appear at the inputs of a current-sense
amplifier is high-frequency ripple. High-frequency
ripple
– whether injected into the circuit inductively
or capacitively - can produce a differential-mode
voltage drop across the external current-shunt
resistor
(RSENSE).
An
example
of
externally-
generated,
common-mode
noise
is
the
high-
frequency output ripple of a switching regulator that
can result in common-mode noise injection into both
inputs of a current-sense amplifier.
Even though the load current signal bandwidth is
DC, the input stage of any current-sense amplifier
can rectify unwanted, out-of-band noise that can
result in an apparent error voltage at its output. This
rectification of noise signals occurs because all
amplifier
input
stages
are
constructed
with
transistors that can behave as high-frequency signal
detectors in the same way pn-junction diodes were
used as RF envelope detectors in early radio
designs. Against common-mode injected noise, the
amplifier’s
internal common-mode
rejection
is
usually sufficient.
To counter the effects of externally-injected noise, it
has always been good engineering practice to add
external low-pass filters in series with the inputs of a
current-sense amplifier. In the design of discrete
current-sense amplifiers,
resistors
used in the
external low-pass filters were incorporated into the
circuit’s overall design so errors because of any
input-bias current-generated offset voltage errors
and gain errors were compensated.
With
the
advent
of
monolithic
current-sense
amplifiers, like the TS1103, the addition of external
low-pass filters in series with the current-sense
amplifier’s inputs only introduces additional offset
voltage and gain errors. To minimize or eliminate
altogether the need for external low-pass filters and
to maintain low input offset voltage and gain errors,
the TS1103 incorporates a 50-kHz (typ), 2
nd-order
differential low-pass filter as shown in the TS1103
’s
Block Diagram.
Output Filter Capacitor
If the TS1103 is part of a signal acquisition system
where its OUT terminal is connected to the input of
an ADC with an internal, switched-capacitor track-
and-hold
circuit,
the
internal
track-and-
hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF good-quality ceramic capacitor
from the OUT terminal to GND forms a low-pass
filter with the TS1103
’s R
OUT and should be used to
minimize voltage droop (holding VOUT constant
during the sample interval. Using a capacitor on the
OUT terminal will also reduce the TS1103
’s small-
signal bandwidth as well as band-limiting amplifier
noise.
PC Board Layout and Power-Supply Bypassing
For optimal circuit performance, the TS1103 should
be in very close proximity to the external current-
sense resistor and the pcb tracks from RSENSE to
the RS+ and the RS- input terminals of the TS1103
should be short and symmetric. Also recommended
are a ground plane and surface mount resistors and
capacitors.
Figure 3: Making PCB Connections to RSENSE.


Número de pieza similar - TS1103-25EG6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1103-25-EG6 SILABS-TS1103-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-25-EG6T SILABS-TS1103-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - TS1103-25EG6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com