Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-TDR025V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-TDR025V1
Descripción Electrónicos  Portable UHF 2-way radio demonstration board based on the PD84001
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR025V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR025V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR025V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2010
Doc ID 18122 Rev 1
1/10
10
STEVAL-TDR025V1
Portable UHF 2-way radio demonstration board
based on the PD84001
Features
Excellent thermal stability
Frequency: 380 - 520 MHz
Supply voltage: 7.2 V
Output power: 1 W
Power gain: 15.5 ± 0.7 dB
Efficiency: 58 % - 67 %
Load mismatch: 20:1
BeO-free amplifier
Description
The STEVAL-TDR025V1 demonstration board is
a portable UHF 2-way radio designed as a
platform for valuating the performance of the
PD84001 LDMOS RF power transistor.
Table 1.
Device summary
Order code
Mechanical specification
STEVAL-TDR025V1
L = 60 mm, W = 30 mm
www.st.com


Número de pieza similar - STEVAL-TDR025V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
More results

Descripción similar - STEVAL-TDR025V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com