Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ILL042V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-ILL042V1
Descripción Electrónicos  60 W high power factor flyback LED driver based on the L6562AT and TSM101
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL042V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL042V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL042V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL042V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL042V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
March 2012
Doc ID 022285 Rev 2
1/4
4
STEVAL-ILL042V1
60 W high power factor flyback LED driver based on the
L6562AT and TSM101
Data brief
Features
Mains voltage range: VACmin = 185 Vac,
VACmax = 265 Vac
Minimum mains frequency: fL = 47 Hz
DC output voltage: Vout = 130 V
Maximum output current: Iout = 0.462 A
Minimum switching frequency: fSWmin = 57 Hz
Reflected voltage: VR = 195 V
Leakage inductance spike: Vspike = 100 V
Expected efficiency: 92 %
RoHS compliant
Description
The STEVAL-ILL042V1 demonstration board is a
LED power supply in high PF flyback
configuration able to drive a 60 W LED array. The
board is based on the L6562AT and the TSM101
controller.
This configuration uses an isolated feedback with
an optocoupler and a secondary side
reference/error amplifier, the TSM101, for voltage
and current regulation.
The TSM101 includes two op-amps. One op-amp
is used for constant voltage control and the other
one for constant current control.
The L6562AT is a PFC controller operating in
transition mode. The highly linear multiplier
includes a special circuit which is able to reduce
AC input current distortion, allowing wide-range
mains operation with an extremely low THD, even
over a large load range.
Efficiency is high at heavy load, more than 90% is
achievable.
This system, designed using the L6562AT and the
TSM101 controller, offers several advantages in
terms of output current and voltage stability.
www.st.com


Número de pieza similar - STEVAL-ILL042V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ILL042V2 STMICROELECTRONICS-STEVAL-ILL042V2 Datasheet
245Kb / 4P
   RoHS compliant
September 2013 Rev 1
More results

Descripción similar - STEVAL-ILL042V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
   3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
   5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
June 2013 Rev 1
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4350 STMICROELECTRONICS-AN4350 Datasheet
1Mb / 34P
   High power factor LED driver with constant voltage regulation based on HVLED815PF
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
   Buck high-brightness LED driver based on the ST1S10
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
   12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
May 2014 Rev 1
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
   12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
April 2013 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com