Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ISA090V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-ISA090V1
Descripción Electrónicos  3.5 A step-down switching regulator based on the L4973
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA090V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA090V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA090V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA090V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA090V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018689 Rev 1
1/4
4
STEVAL-ISA090V1
3.5 A step-down switching regulator based on the L4973
Features
Input voltage range: 8 V to 55 V
Output voltage: 5.1 V ± 3% (line, load and
thermal)
Output ripple: 51 mV
Output current range: 1 mA to 3.5 A
Max output ripple current: 30%
Current limit: 4.5 A
Switching frequency: 150 kHz
RoHS compliant
Description
The STEVAL-ISA090V1 demonstration board
provides a platform for evaluation of the L4973, a
3.5 A step-down monolithic power switching
regulator operating in continuous mode.
Based on the selection of the external
components, the device can operate in the entire
input voltage range of 8 V < VIN < 55 V. The
output voltage is limited by the voltage rating of
the output capacitor, so it can be adjusted within
the 3.3 V < VOUT < 30 V range through voltage
divider R3, R4. The input and output capacitors
are capable of sustaining the RMS current within
the operating range.
STEVAL-ISA090V1
www.st.com


Número de pieza similar - STEVAL-ISA090V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
   2 A step-down switching power supply demonstration board based on the L7980 (QFN)
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
   2 A step-down switching demonstration board based on the L7980
STEVAL-ISA093V1 STMICROELECTRONICS-STEVAL-ISA093V1 Datasheet
104Kb / 4P
   3 A step-down switching power supply demonstration board
December 2011 Rev 1
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
   3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
   Up to 3 A step-down switching regulator based on the ST1S14
More results

Descripción similar - STEVAL-ISA090V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
   1.5 A step-down switching regulator based on the L5973AD
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
   1 A step-down switching regulator based on the L5970D
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
   1 A step-down switching regulator demonstration board based on the L5981
March 2009 Rev 1
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
   0.7 A step-down switching regulator demonstration board based on the L5980
March 2009 Rev 1
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
   3 A step-down switching regulator evaluation board based on the L5987
March 2017 Rev 1
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
   2 A step-down switching regulator demonstration board based on the L5985
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
   1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
   1.5 A step-down switching regulator demonstration board based on the L5983
March 2009 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
   0.7 A step-down switching regulator evaluation board based on the L5980
April 2014 Rev 1
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
   Up to 3 A step-down switching regulator based on the ST1S14
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com