Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA12238 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza CA12238
Descripción Electrónicos  Strada-FW-N83 series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CA12238 Datasheet(HTML) 1 Page - Cree, Inc

  CA12238 Datasheet HTML 1Page - Cree, Inc CA12238 Datasheet HTML 2Page - Cree, Inc CA12238 Datasheet HTML 3Page - Cree, Inc CA12238 Datasheet HTML 4Page - Cree, Inc CA12238 Datasheet HTML 5Page - Cree, Inc CA12238 Datasheet HTML 6Page - Cree, Inc CA12238 Datasheet HTML 7Page - Cree, Inc CA12238 Datasheet HTML 8Page - Cree, Inc CA12238 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Strada-FW-N83 series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12238
CA12238_Strada-FW-tape
Strada-Forward
Lens
MX-6
Transparent
19.6+15.3 mm
10.9 mm
Rectangular
PMMA
-
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asym degrees
92 %
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C12226
C12226_Strada-FW
Strada-Forward
Lens
MX-6
Transparent
19.6+15.3 mm
10.9 mm
Rectangular
PMMA
-
Glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asym degrees
92 %
-
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
October 6th 2011 23:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/8
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - CA12238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CA12239 CREE-CA12239 Datasheet
1Mb / 7P
   Minnie-assembly series
logo
Ledil, Inc.
CA12239 LEDIL-CA12239 Datasheet
1Mb / 4P
   ~25째 medium beam optimized for CREE MT-G.
More results

Descripción similar - CA12238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C12086 CREE-C12086 Datasheet
313Kb / 4P
   Strada-FW series
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com