Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7427805 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7427805
Descripción Electrónicos  WE-FLAT Ferrite for Flexible Printed Circuit Boards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427805 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427805 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427805 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427805 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427805 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.0
3.0
REV
2012-09-25
2006-10-11
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FLAT Ferrite for Flexible Printed Circuit
Boards
Order.- No.
7427805
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Applicable cable
Applicable cable length
µi
TC
Value
≤20.0
4 W 620
620
150
AWG26
80
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7427805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74278009 WURTH-74278009 Datasheet
420Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427801 WURTH-7427801 Datasheet
425Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278011 WURTH-74278011 Datasheet
423Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427802 WURTH-7427802 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278021 WURTH-74278021 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results

Descripción similar - 7427805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74278042 WURTH-74278042 Datasheet
433Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278043 WURTH-74278043 Datasheet
446Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278032 WURTH-74278032 Datasheet
421Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278081 WURTH-74278081 Datasheet
398Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427802 WURTH-7427802 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427809 WURTH-7427809 Datasheet
371Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278031 WURTH-74278031 Datasheet
417Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427810 WURTH-7427810 Datasheet
421Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278082 WURTH-74278082 Datasheet
418Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427807 WURTH-7427807 Datasheet
431Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com