Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR3A154 Datasheet(PDF) 2 Page - Sanken electric

No. de pieza STR3A154
Descripción Electrónicos  PWM Off-Line Switching Regulator ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A154 Datasheet(HTML) 2 Page - Sanken electric

  STR3A154 Datasheet HTML 1Page - Sanken electric STR3A154 Datasheet HTML 2Page - Sanken electric STR3A154 Datasheet HTML 3Page - Sanken electric STR3A154 Datasheet HTML 4Page - Sanken electric STR3A154 Datasheet HTML 5Page - Sanken electric STR3A154 Datasheet HTML 6Page - Sanken electric STR3A154 Datasheet HTML 7Page - Sanken electric STR3A154 Datasheet HTML 8Page - Sanken electric STR3A154 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
Features and Benefits (continued)
• Soft Start function: reduces stress on internal power MOSFET
and secondary output rectifier diode at startup
• Protection Functions:
▫ Overcurrent Protection function (OCP); pulse-by-pulse,
built-in compensation circuit to minimize OCP point variation
on AC input voltage
▫ Overload Protection function (OLP); auto restart, built-in
timer, reduces heat during overload condition, and no external
components required
▫ Overvoltage Protection function (OVP); latched shutdown
▫ Thermal Shutdown function (TSD); latched shutdown
Selection Guide
Part Number
fOSC
(kHz)
MOSFET
POUT*
(W)
OVP/TSD
VDSS(min)
(V)
RDS(on)(max)
(Ω)
230 VAC
85 to 265 VAC
STR3A151
67
650
4.0
24
16
Latched
STR3A152
3.0
30
23
STR3A153
1.9
36
30
STR3A154
1.4
40
32
STR3A155
1.1
43
35
*The listed output power is based on the thermal ratings, and the peak output power can be 120% to
140% of the value stated here. At low output voltage and short duty cycle, the output power may be less
than the value stated here.


Número de pieza similar - STR3A154

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STR3A154 ALLEGRO-STR3A154 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A154D SANKEN-STR3A154D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A154D ALLEGRO-STR3A154D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results

Descripción similar - STR3A154

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com