Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR3A155D Datasheet(PDF) 1 Page - Sanken electric

No. de pieza STR3A155D
Descripción Electrónicos  PWM Off-Line Switching Regulator ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A155D Datasheet(HTML) 1 Page - Sanken electric

  STR3A155D Datasheet HTML 1Page - Sanken electric STR3A155D Datasheet HTML 2Page - Sanken electric STR3A155D Datasheet HTML 3Page - Sanken electric STR3A155D Datasheet HTML 4Page - Sanken electric STR3A155D Datasheet HTML 5Page - Sanken electric STR3A155D Datasheet HTML 6Page - Sanken electric STR3A155D Datasheet HTML 7Page - Sanken electric STR3A155D Datasheet HTML 8Page - Sanken electric STR3A155D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SANKEN ELECTRIC CO., LTD.
Description
STR3A100 series are power ICs for switching power supplies,
incorporating a power MOSFET and a current mode PWM
controller IC in one package.
Including a startup circuit and a standby function in the
controller, the product achieves low power consumption, low
standby power, and high cost-effectiveness in power supply
systems, while reducing external components.
The products are provided in an industry standard DIP8
package.
Features and Benefits
• Current mode PWM control
• Built-in Random Switching function: reduces
EMI noise, simplifies EMI filters, and cuts cost by
external part reduction
• Built-in Slope Compensation function: avoids
subharmonic oscillation
• Built-in Leading Edge Blanking (LEB) function
• Auto Standby function:
▫ Input power, PIN < 10 mW at no load with low power
consumption shunt regulator
▫ Normal load operation: PWM switching
▫ Light load operation: Standby mode (Burst oscillation)
PWM Off-Line Switching Regulator ICs
Typical Application
Package: DIP8
Not to scale
STR3A151D, STR3A152D, STR3A153D,
STR3A154D, STR3A155D
Continued on the next page…
STR3A150D-DS
Applications
Switching power supplies for electronic devices such as:
• Stand-by power supply for LCD/PDP television,
desktop PC, multi-function printer, audio equipment,
and so forth
• Small switched-mode power supply (SMPS) for printer,
BD/DVD player, set-top box, and so forth
• Auxiliary power supply for air conditioner, refrigerator,
washer, dishwasher, and so forth
July 20, 2012
VAC
C1
C5
R3
D3
D2
R2
C2
T1
D4
C6
R4
R5
U2
R9
R7
C7
D
P
S
PC1
PC1
C3
ROCP
C9
CRD Snubber Circuit
D1
R6
R8
L2
C8
C, RC
Damper
Snubber
Circuit
VOUT
GND
C4
12
34
D/ST D/ST
VCC
NC
S/OCP
FB/OLP
GND
D/ST D/ST
87
65
STR3A100
U1


Número de pieza similar - STR3A155D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STR3A155D ALLEGRO-STR3A155D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results

Descripción similar - STR3A155D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com