Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0551200000 Datasheet(PDF) 6 Page - Weidmuller |
|
0551200000 Datasheet(HTML) 6 Page - Weidmuller |
6 / 52 page Feed-through terminals 129 a r # u DNV 16/58/67.5 16/63/60 18 mm/M 6/6.5 x 1.2 1000 V/125 A/35 mm2 8 kV/3 4.0…5.0/4.0…6.0*** 2.5…16 2.5…50 2.5…35 2.5…35 B 8 125 A/35 mm2 65 65 600 V/100 A/12…2 AWG 600 V/120 A/12…2 AWG Y Qty. W Qty. 0550620000 20 0608220000 20 0555720000 20 0608320000 20 0608370000 20 0550630000 20 0555730000 20 0550660000 20 0608260000 20 0555760000 20 0608360000 20 Type Cat. No. Qty. AP (3.0) 0303620000 10 AP (3.0) 0303670000 10 AP (3.0) 0303630000 10 AP (1.5) 0303660000 10 AP (3.0) 0303680000 10 TW (3.0) 0304320000 10 TW (3.0) 0304330000 10 TW (1.5) 0304360000 10 QL 2 0564900000 50 QL 3 0565000000 50 QL 4 0565100000 50 QL 10 0565200000 20 VH 17 0267000000 50 BS M 4x30 0267100000 50 SS M 4 0136400000100 AD 4 0576700000 50 BSK M 4x32 0129100000 50 PS 4 0299600000 20 DEK 5 see “Accessories” Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 x 7.5 W Insulation stripping length/clamping screw/screwdriver blade Rated data according to IEC 60 947-7-1 Rated voltage/current/cross-section Rated impulse voltage/pollution severity Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 Clampable conductor Solid H07V-U mm2 Stranded H07V-R mm2 Flexible H07V-K mm2 Flexible H07V-K and ferrule according to DIN 46 228/1 mm2 Plug gauge according to 60 947-7-1 Size Continuous current of terminal for conductor size Continuous current rating of cross-connection 2…5-pole A Continuous current rating of cross-connection 6…10-pole A Rated data according to UL/CSA Voltage/current/conductor size UL Voltage/current/conductor size CSA Ordering data Version KrG Hexagon socket KrG Hexagon socket Blue KrG KrS Hexagon socket KrS PA Hexagon socket PA Blue PA End plate (thickness mm) KrG Blue KrG KrS PA Blue PA Orange PA Partition (thickness mm) KrG Blue KrG KrS PA Blue PA Cross-connection QL 3 VH BS SS 2-pole 3-pole 4-pole 10-pole Switchable cross-connection link VL 2 BS VH Cover / test plug PS 4 Marking tags Print DEK Standard a r i # LR u DNV 18/58/67.5 18/58/60 20 mm/M 6/6.5 x 1.2 800 V/125 A/35 mm2 8 kV/3 4.0…5.0/4.0…6.0*** 6…16 16…50 10…35 10…35 B 9 125 A/35 mm2 99 99 600 V/100 A/6…2 AWG 600 V/145 A/6…2 AWG Y Qty. W Qty. 0303520000 20 0476520000 20 0303530000 20 0303560000 20 0380760000 20 0476560000 20 0582460000 20 0303580000 20 0380780000 20 Type Cat. No. Qty. AP (3.0) 0303620000 10 AP (3.0) 0303670000 10 AP (3.0) 0303630000 10 AP (1.5) 0303660000 10 AP (3.0) 0303680000 10 TW (3.0) 0304320000 10 TW (3.0) 0304330000 10 TW (1.5) 0304360000 10 QL 2 0123600000 20 QL 3 0123700000 20 QL 4 0123800000 20 QL 10 0338600000 20 VH 17 0267000000 50 BS M 4x30 0267100000 50 SS M 4 0136400000100 VL 2 0124000000 50 VH 24.5 0298700000 50 BS M 4x35 0298900000 50 AD 4 0178700000 20 BSK M 4x32 0129100000 50 PS 4 0299600000 20 DEK 5 see “Accessories” a r # DNV 28/83.5/100.5 28/83.5/96.5 30 mm/M 10/S 8 D6911 1000 V/232 A/95 mm2 8 kV/3 10.0…20.0 Strips 10…16 3x9x0.8 10…120 2) 6x9x0.8 10…95 2) 6x13x0.5 10…35 6x16x0.8 B 12 232 A/95 mm2 180 600 V/190 A/6…3/0 AWG 600 V/260 A/6…3/0 AWG Y Qty. W Qty. 0550520000 10 0662220000 10 Type Cat. No. Qty. AP (3.0) 0550920000 10 AP (3.0) 0550970000 10 QL 2 0551200000 10 QL 3 0407600000 10 QL 4 0407700000 10 VH 35 0551100000 10 BS M 5x50 0630200000 20 ADP 3 0485400000 20 PS 4 0299600000 20 DEK 5 see “Accessories” a r # LR u DNV 22/75/79.5 22/75/87 24 mm/M 8/S 6 D911 1000 V/192 A/70 mm2 8 kV/3 6.0…12.0 Strips 16 3x9x0.8 16…70 1) 6x9x0.8 16…70 1) 6x13x0.5 16…35 B 11 192 A/70 mm2 180 600 V/145 A/4…2/0 AWG 600 V/150 A/4…2/0 AWG Y VPEW Qty. 0340820000 10 0340870000 10 0340830000 10 013916000010 Type Cat. No. Qty. AP (4.0) 0340920000 10 AP (4.0) 0340930000 10 AP (2.0) 0340960000 10 QL 2 0345300000 20 QL 3 0167000000 20 VH 30.5 0345500000 20 BS M 5x45 0345600000 20 SS M 5 0346100000100 AD 3 0344300000 10 BSKM 5x45 0344400000 50 PS 4 0299600000 20 DEK 5 see “Accessories” Mounting rails, end brackets, further marking material see “Accessories” *** For hexagon socket 1 ) 12 Nm for 70 mm2 2 ) 20 Nm for 95 mm2 and 120 mm2 Y Y Y Y WW W W SAK 35 N SAK 35 N/35 SAK 35 SAK 35/35 SAK 95 SAK 95/35 SAK 70 SAK 70/35 |
Número de pieza similar - 0551200000 |
|
Descripción similar - 0551200000 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |