Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

031-8556-110 Datasheet(PDF) 4 Page - ITT Industries

No. de pieza 031-8556-110
Descripción Electrónicos  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

031-8556-110 Datasheet(HTML) 4 Page - ITT Industries

  031-8556-110 Datasheet HTML 1Page - ITT Industries 031-8556-110 Datasheet HTML 2Page - ITT Industries 031-8556-110 Datasheet HTML 3Page - ITT Industries 031-8556-110 Datasheet HTML 4Page - ITT Industries 031-8556-110 Datasheet HTML 5Page - ITT Industries 031-8556-110 Datasheet HTML 6Page - ITT Industries 031-8556-110 Datasheet HTML 7Page - ITT Industries 031-8556-110 Datasheet HTML 8Page - ITT Industries 031-8556-110 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
CannonVG/CA-Bayonet
Electrical Data
Contact rating at 68 °F (+20 °C)
Contact size
max. current
A
10
8
16S/15S
22
16/15
22
12/25
41
8/60/100
74
4/160
135
0/500
245
Current rating
depending on ambient temperature
Contact resistance
(Millivolt test)
The contact resistance has to be tested according to VG95234
part 2, test no. 5.10.1 and VG 95210, part 37. The measuring
points are indicated in the illustration.
Operating voltage and connector usage
Connectors in equipments must not be separated or mated
under load when used per specifications.
As according to specification the connectors are suitable for an
operating voltage of 50 V (see Product Safety Information).
However, this is only valid, when the connectors are freely
accessible during operation and consequently might be
touchable. When the connectors will be operated with line
voltage, please contact ITT Customer Service.
Contact size
Max. contact
resistance
metric
AWG
m
10
12
15S/15
16S/16
6
25
12
3
60/100
81
160
4
0,5
500
0
0,2
Insulation resistance
Acc. to VG95319, part 2, test no. 5.12 and VG95210, part 32,
test condition B
Standard insulator material
> 1000 M
FKM insulator material (upon request)
> 5000 M
Test voltage
Acc. to VG95319, part 2, test no. 5.13 and VG 95210, part 31
Test voltage for service rating:
Service rating
Test voltage Vrms
Instruments
1050
A
1600
B
4000
D
2500
E
3000
Air and creepage paths (min.)
Voltage class
Instr.
AD
E
Air and creepage paths mm
0,7
1,1
2,8
4,8


Número de pieza similar - 031-8556-110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-030 ITT-031-8521-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-010 ITT-031-8531-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-011 ITT-031-8531-011 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Descripción similar - 031-8556-110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com