Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB206A Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

No. de pieza SMB206A
Descripción Electrónicos  Dual Programmable Buck Regulators with Integrated MOSFETs and Digital Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB206A Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMB206A Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SMB206A/7A/8A
Preliminary
SUMMIT Microelectronics, Inc.
2147 2.4 2/23/2012
8
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Storage Temperature........................... -65°C to +150°C
Junction Temperature .......................... -55°C to +150°C
Lead Solder Temperature (10s)........................... 300
°C
Terminal Voltage with Respect to GND:
PVIN, AVIN, SW, EN0/1 ................................ +18V
BST, PVIN..................................................... +6.5V
All Others ...................................................... +6.5V
Output Short Circuit Current (Any single pin) ............ 3A
ESD Rating per JEDEC (HBM)
VDD.............................................................. 1000V
All Other Pins ............................................... 2000V
Latch-Up testing per JEDEC............................. ±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
Ambient Temperature Range ................-40°C to +85°C
Junction Temperature Range .............-40°C to +125°C
PVIN, AVIN.............................................. +4.5V to +16V
Package Thermal Resistance (
θ
JA)
20 Pad 3mm x 3mm QFN .................................. 47
oC/W
24 Pin 6.5mm x 6.4mm TSSOP*........................ 38
oC/W
Moisture Classification ...................................................
.................................... Level 3 (MSL 3) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention .................................................20 Years
*Contact factory for TSSOP package
PVIN = +12V, VDD = +5V, TA = TJ = -40°C to +85°C unless otherwise noted. Typical values are +25°C, Note 1,2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Main Supply
VIN
Main input supply voltage (PVIN)
4.5
16
V
VDD
Internal LDO supply voltage (VDD)
VIN>5.5V, IDD<10mA
4.5
5.5
V
IIN
Input supply current (PVIN)
Outputs enabled, no load
2
10
mA
IIN-STBY
Standby supply current
EN pins high, Output enable bits
disabled, I
2C active
0.3
1
mA
IIN-SHDN
Shutdown supply current
EN pins low
1
5
uA
VUVLO
Input Undervoltage lockout (VDD
monitored)
VDD Rising
3.75
4.0
4.25
V
VDD Falling (relative to VDD Rising)
-10
%
TSHDN
Thermal shutdown threshold
Temp rising
140
150
oC
THYST
Thermal shutdown hysteresis
20
oC
Note 1: Parametric tolerances are only guaranteed for factory-programmed settings. Changing configuration settings from that reflected in the
customer specific CSIR code may result in inaccuracies exceeding those specified above.
Note 2: MIN/MAX limits are guaranteed by test, characterization or design.
ELECTRICAL OPERATING CHARACTERISTICS


Número de pieza similar - SMB206A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
SMB20 LITEON-SMB20 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB20 MIC-SMB20 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB20 LUGUANG-SMB20 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
   Surface Mount Beads
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
   Surface Mount Beads
More results

Descripción similar - SMB206A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Analog Devices
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
   3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
   Single Synchronous Buck Regulators with Integrated FET
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com